Electronic Components Datasheet Search
  English  ▼

X  

BC858C Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # BC858C
Description  SMD General Purpose Transistor (PNP)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

BC858C Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  BC858C Datasheet HTML 1Page - TAITRON Components Incorporated BC858C Datasheet HTML 2Page - TAITRON Components Incorporated BC858C Datasheet HTML 3Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev. A/AH 2008-05-29
BC856/BC857/BC858
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 3
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFA
(800)-824-8329
(661)-257-6415
SMD General Purpose
Transistor (PNP)
SMD General Purpose Transistor (PNP)
Features
• PNP Silicon Epitaxial Planar Transistor for
Switching and Amplifier Applications
Mechanical Data
Case:
SOT-23, Plastic Package
Terminals:
Solderable per MIL-STD-202G, Method 208
Weight:
0.008 gram
Marking Information
BC856A
BC856B
BC857A
BC857B
BC857C
BC858A
BC858B
BC858C
Marking Code
3A
3B
3E
3F
3G
3J
3K
3L
Maximum Ratings (T Ambient=25ºC unless noted otherwise)
Symbol
Description
BC856
BC857
BC858
Unit
Conditions
-VCBO
Collector-Base Voltage
80
50
30
V
-VCEO
Collector-Emitter Voltage
65
45
30
V
-VEBO
Emitter-Base Voltage
5
5
5
V
-IC
Collector Current
100
mA
Ptot
Power Dissipation
350
mW
Note 1
TJ
Junction Temperature
150
° C
TSTG
Storage Temperature Range
-55 to +150
° C
Note: 1. Package mounted on 99.5% Alumina 10 x 8 x 0.6mm.
SOT-23


Similar Part No. - BC858C

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BC858C TRSYS-BC858C Datasheet
363Kb / 3P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
logo
Siemens Semiconductor G...
BC858C SIEMENS-BC858C Datasheet
271Kb / 8P
PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
Fairchild Semiconductor
BC858C FAIRCHILD-BC858C Datasheet
68Kb / 5P
Switching and Amplifier Applications
logo
Diodes Incorporated
BC858C DIODES-BC858C Datasheet
44Kb / 3P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11207 Rev. 12 - 2
logo
Micro Commercial Compon...
BC858C MCC-BC858C Datasheet
106Kb / 2P
PNP Small Signal Transistor 310mW
More results

Similar Description - BC858C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N5087 PHILIPS-2N5087 Datasheet
49Kb / 8P
PNP general purpose transistor
1997 Jul 02
2PB710A PHILIPS-2PB710A Datasheet
42Kb / 8P
PNP general purpose transistor
1999 May 31
BC807W PHILIPS-BC807W Datasheet
61Kb / 8P
PNP general purpose transistor
1999 May 18
ED1602 PHILIPS-ED1602 Datasheet
42Kb / 8P
PNP general purpose transistor
1999 Apr 27
logo
Rohm
UMT3906 ROHM-UMT3906 Datasheet
169Kb / 4P
PNP General Purpose Transistor
logo
TAITRON Components Inco...
MMBT2907A TAITRON-MMBT2907A Datasheet
157Kb / 3P
SMD General Purpose Transistor (PNP)
MMBT3906 TAITRON-MMBT3906 Datasheet
234Kb / 4P
SMD General Purpose Transistor (PNP)
MMBTA55 TAITRON-MMBTA55 Datasheet
202Kb / 3P
SMD General Purpose Transistor (PNP)
logo
Chenmko Enterprise Co. ...
2SA1037MPT CHENMKO-2SA1037MPT Datasheet
136Kb / 3P
General Purpose PNP Transistor
logo
Weitron Technology
2SB1116 WEITRON-2SB1116 Datasheet
505Kb / 4P
PNP General Purpose Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com