Electronic Components Datasheet Search
  English  ▼

X  

ES1A Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # ES1A
Description  1.0A Surface Mount Super Fast Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

ES1A Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  ES1A Datasheet HTML 1Page - TAITRON Components Incorporated ES1A Datasheet HTML 2Page - TAITRON Components Incorporated ES1A Datasheet HTML 3Page - TAITRON Components Incorporated ES1A Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1.0A Surface Mount Super Fast Rectifier
Rev. B/AH 2008-04-11
ES1A - ES1K
www.taitroncomponents.com
Page 2 of 4
Fig.2- Max. Non-Repetitive Forward Surge Current
Number of Cycles at 60Hz
Fig.1- Forward Current Derating Curve
Ambient Temperature (° C)
Electrical Characteristics (T
Ambient=25ºC unless noted)
Note: Single phase half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Typical Characteristics Curves
Symbol
Description
ES1A
ES1B
ES1D
ES1F
ES1G
ES1J
ES1K
Unit
Conditions
VF
Maximum
Instantaneous
Forward Voltage
0.95
1.25
1.7
2.2
V
IF=1.0 A
5
TA=25 °C
IR
Maximum DC
Reverse Current at
Rated DC Blocking
Voltage
50
µA
TA=125 °C
Trr
Typical Reverse
Recovery Time
35
nS
IF=0.5A, IR=1.0A,
Irr=0.25A
CJ
Typical Junction
Capacitance
10
pF
Measured at 1.0 MHZ
and Applied Vr = 4.0
volts.
Rθ-JA
Maximum Thermal
Resistance
34
° C/W
Mounted on 0.2" x
0.2" (5mmx5mm)
copper pad area
ES1K
ES1A-- ES1J



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com