Electronic Components Datasheet Search
  English  ▼

X  

ES2A Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # ES2A
Description  1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

ES2A Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  ES2A Datasheet HTML 1Page - TAITRON Components Incorporated ES2A Datasheet HTML 2Page - TAITRON Components Incorporated ES2A Datasheet HTML 3Page - TAITRON Components Incorporated ES2A Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. A/WW 2006-10-10
ES2A ~ES2K
1.0A SURFACE MOUNT
SUPER-FAST RECTIFIER
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel: (800)-247-2232
(800)-TAITRON
(661)-257-6060
Fax: (800)-TAITFA
(800)-824-8329
(661)-257-6415
1.0A Surface Mount Super Fast Rectifier
Features
• Low profile surface mounted package
• Glass passivated junction
• Ultra fast recovery time for high efficiency
• Plastic package has underwriters laboratory
flammability classification 94V-0
• High temperature soldering: 250 °C /10 seconds at terminals
• RoHS compliant
Mechanical Data
Case:
JEDEC DO-214AA molded plastic
Terminals:
Solder plated, solderable per MIL-STD-750, Method 2026
Polarity:
cathode end indicated by color band
Weight:
0.003 Ounce, 0.093 gram
Maximum Ratings (T Ambient=25ºC unless noted)
Note:
Single phase half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
Description
ES2A
ES2B
ES2D
ES2F
ES2G
ES2J
ES2K
Unit
Conditions
VRRM
Maximum Repetitive
Peak Reverse
Voltage
50
100
200
300
400
600
800
V
VRMS
Maximum RMS
Voltage
35
70
140
210
280
420
560
V
VDC
Maximum DC
Blocking Voltage
50
100
200
300
400
600
800
V
IAV
Maximum Average
Forward Rectified
Current
2.0
A
TL=110°C
IFSM
Peak Forward Surge
Current
65
60
A
8.3ms single half sine-
wave superimposed on
rated load (JEDEC
method)
TJ,TSTG
Operating Junction
and Storage
Temperature Range
-55 to 150
° C


Similar Part No. - ES2A

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
ES2A JGD-ES2A Datasheet
173Kb / 3P
2.0AMP. SUPER FAST RECOVRY SILICON RECTIFIERS
logo
Shanghai Sunrise Electr...
ES2A SSE-ES2A Datasheet
17Kb / 1P
SURFACE MOUNT SUPER FAST SWITCHING RECTIFIER
logo
Fairchild Semiconductor
ES2A FAIRCHILD-ES2A Datasheet
43Kb / 3P
2.0 Ampere Superfast Rectifiers
logo
Diodes Incorporated
ES2A DIODES-ES2A Datasheet
45Kb / 2P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14002 Rev. F-2
logo
Fuji Electric
ES2A FUJI-ES2A Datasheet
750Kb / 1P
2 AMP SURFACE MOUNT GLASS SUPER FAST RECOVERY RECTIFIER
More results

Similar Description - ES2A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
ER1A WTE-ER1A Datasheet
51Kb / 3P
1.0A SURFACE MOUNT SUPER FAST RECTIFIER
ES1A WTE-ES1A Datasheet
51Kb / 3P
1.0A SURFACE MOUNT SUPER FAST RECTIFIER
logo
Diodes Incorporated
MURS120 DIODES-MURS120 Datasheet
59Kb / 3P
1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30179 Rev. 3 - 2
DFLU1200 DIODES-DFLU1200 Datasheet
112Kb / 3P
1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30601 Rev. 2 - 2
logo
TAITRON Components Inco...
ES1A TAITRON-ES1A Datasheet
240Kb / 4P
1.0A Surface Mount Super Fast Rectifier
logo
Diodes Incorporated
ES1A DIODES-ES1A_10 Datasheet
121Kb / 4P
1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14001 Rev. 15 - 2
ES1B-13-F DIODES-ES1B-13-F Datasheet
122Kb / 4P
1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
Rev 16
ES1D-13-F DIODES-ES1D-13-F Datasheet
122Kb / 4P
1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
Rev 16
logo
SUNMATE electronic Co.,...
MURA115 SUNMATE-MURA115 Datasheet
162Kb / 3P
1.0A Surface Mount Super Fast Rectifier
logo
Diodes Incorporated
SF1DDF DIODES-SF1DDF Datasheet
483Kb / 5P
1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
November 2018 Rev. 2 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com