Electronic Components Datasheet Search
  English  ▼

X  

GF2A Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # GF2A
Description  2.0A Surface Mount Sintered Glass Passivated Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

GF2A Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  GF2A Datasheet HTML 1Page - TAITRON Components Incorporated GF2A Datasheet HTML 2Page - TAITRON Components Incorporated GF2A Datasheet HTML 3Page - TAITRON Components Incorporated GF2A Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. A/JJ 2007-06-15
GF2A -GF2M
2.0A Surface Mount Sintered
Glass Passivated Rectifier
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
2.0A Surface Mount Sintered Glass Passivated Rectifier
Features
• Sintered glass passivated (SGP) rectifier chip
• Glass passivated cavity-free junction
• Plastic package has underwriters laboratory
flammability classification 94V-0
• High temperature soldering: 260 °C / 10 seconds at terminals
• RoHS compliant
Mechanical Data
Case:
JEDEC DO-214AA molded plastic
Terminals:
Solder plated solderable per MIL-STD-750, Method 2026
Polarity:
Cathode end indicated by color band
Weight:
0.003 Ounce, 0.093 gram
Maximum Ratings & Electrical Characteristics (T
Ambient=25ºC unless noted)
Symbol
Description
GF2A
GF2B
GF2D
GF2G
GF2J
GF2K
GF2M
Unit
Conditions
VRRM
Max. Recurrent Peak
Reverse Voltage
50
100
200
400
600
800
1000
V
VRMS
Max. RMS Voltage
35
70
140
280
420
560
700
V
VDC
Max. DC Blocking
Voltage
50
100
200
400
600
800
1000
V
IF(AV)
Max. Average Rectified
Current
2.0
A
IFSM
Peak Forward Surge
Current
65
A
VF
Max. Instantaneous
Forward Voltage
1.0
V
IF=2.0A
5
TA=25 °C
30
TA=125 °C
IR
Max. DC Reverse
Current at Rated DC
Blocking Voltage
80
µA
TA=150 °C
CJ
Typical Junction
Capacitance
25
pF
Rθ-JA
53
Rθ-JL
Max. Thermal
Resistance
10
° C/W
TJ,TSTG
Operating Junction and
Storage Temperature
Range
-65 to 175
° C
SMB
(DO-214AA)


Similar Part No. - GF2A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
GF2A SUNMATE-GF2A Datasheet
295Kb / 2P
SURFACE MOUNT SINTERED GLASS PASSIVATED RECTIFIER DIODE
logo
Zibo Seno Electronic En...
GF2A ZSELEC-GF2A Datasheet
74Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
More results

Similar Description - GF2A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
S2A WTE-S2A Datasheet
41Kb / 3P
2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
TAITRON Components Inco...
EGF2A TAITRON-EGF2A Datasheet
144Kb / 5P
2.0A Sintered Glass Passivated Super Fast Rectifier
GP20A TAITRON-GP20A Datasheet
132Kb / 4P
2.0A Sintered Glass Passivated Rectifier
RGF2A TAITRON-RGF2A Datasheet
177Kb / 6P
2.0A Sintered Glass Passivated Fast Recovery Rectifier
RGP20A TAITRON-RGP20A Datasheet
133Kb / 4P
2.0A Sintered Glass Passivated Fast Recovery Rectifier
logo
Diodes Incorporated
S2KDF DIODES-S2KDF Datasheet
441Kb / 5P
2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 4
logo
Zibo Seno Electronic En...
S2A ZSELEC-S2A Datasheet
113Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S2ABF ZSELEC-S2ABF Datasheet
167Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S2AW ZSELEC-S2AW Datasheet
87Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
GS2A ZSELEC-GS2A Datasheet
106Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com