Electronic Components Datasheet Search
  English  ▼

X  

GF1J Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # GF1J
Description  1.0A Surface Mount Sintered Glass Passivated Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

GF1J Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  GF1J Datasheet HTML 1Page - TAITRON Components Incorporated GF1J Datasheet HTML 2Page - TAITRON Components Incorporated GF1J Datasheet HTML 3Page - TAITRON Components Incorporated GF1J Datasheet HTML 4Page - TAITRON Components Incorporated GF1J Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1.0 A Surface Mount Sintered Glass Passivated Rectifier
Rev. D/AH 2008-01-17
GF1A - GF1M
www.taitroncomponents.com
Page 2 of 5
Fig.2- Max. Non-Repetitive Peak Forward Surge Current
Number of Cycles at 60Hz
Fig.1- Forward Current Derating Curve
Lead Temperature (° C)
Note: Thermal resistance from junction to ambient and from junction to lead P.C.B. mounted on
0.2x0.2” (5.0 x5.0mm) copper pad areas.
Typical Characteristics Curves
Symbol
Description
GF
1A
GF
1B
GF
1D
GF
1G
GF
1J
GF
1K
GF
1M
Unit
Conditions
RthJA
75
RthJL
Typical Thermal Resistance
27
°C / W
Note
TJ,
TSTG
Operating Junction and
Storage Temperature Range
-65 to +175
° C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com