Electronic Components Datasheet Search
  English  ▼

X  

GF3AB Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # GF3AB
Description  3.0A Surface Mount Sintered Glass Passivated Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

GF3AB Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  GF3AB Datasheet HTML 1Page - TAITRON Components Incorporated GF3AB Datasheet HTML 2Page - TAITRON Components Incorporated GF3AB Datasheet HTML 3Page - TAITRON Components Incorporated GF3AB Datasheet HTML 4Page - TAITRON Components Incorporated GF3AB Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev. B/AH 2008-05-26
GF3AB - GF3MB
3.0A Surface Mount Sintered
Glass Passivated Rectifier
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 5
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
3.0A Surface Mount Sintered Glass Passivated Rectifier
Features
• Sintered glass passivated (SGP) rectifier chip
• Glass passivated cavity-free junction
• High forward surge current capability
• Plastic package has underwriters laboratory
flammability classification 94V-0
• High temperature soldering: 260 °C / 10 seconds at terminals
• RoHS compliant
Mechanical Data
Case:
JEDEC SMB(DO-214AA) molded plastic
Terminals:
Solder plated solderable per MIL-STD-750, Method 2026
Polarity:
Cathode end indicated by color band
Weight:
0.004 Ounce, 0.12 gram
Maximum Ratings & Electrical Characteristics (T
Ambient=25ºC unless noted)
Symbol
Description
GF3AB
GF3BB
GF3DB
GF3GB
GF3JB
GF3KB
GF3MB
Unit
Conditions
Marking Code
GF3A
GF3B
GF3D
GF3G
GF3J
GF3K
GF3M
VRRM
Max. Recurrent Peak Reverse
Voltage
50
100
200
400
600
800
1000
V
VRMS
Max. RMS Voltage
35
70
140
280
420
560
700
V
VDC
Max. DC Blocking Voltage
50
100
200
400
600
800
1000
V
IF(AV)
Max. Average Rectified
Current
3.0
A
IFSM
Peak Forward Surge Current
115
A
VF
Max. Instantaneous Forward
Voltage
1.0
V
IF=3.0A
5
TA=25 °C
50
TA=125 °C
IR
Max. DC Reverse Current at
Rated DC Blocking Voltage
100
µA
TA=150 °C
CJ
Typical Junction Capacitance
40
pF
Rθ-JA
47
Rθ-JL
Max. Thermal Resistance
13
° C/W
TJ,TSTG
Operating Junction and
Storage Temperature Range
-65 to 175
° C
SMB
(DO-214AA)


Similar Part No. - GF3AB

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
GF3A ZSELEC-GF3A Datasheet
72Kb / 2P
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
More results

Similar Description - GF3AB

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
GP30A TAITRON-GP30A Datasheet
132Kb / 4P
3.0A Sintered Glass Passivated Rectifier
RGF3AB TAITRON-RGF3AB Datasheet
175Kb / 6P
3.0A Sintered Glass Passivated Fast Recovery Rectifier
RGP30A TAITRON-RGP30A Datasheet
133Kb / 4P
3.0A Sintered Glass Passivated Fast Recovery Rectifier
logo
Daya Electric Group Co....
S3A DAYA-S3A Datasheet
54Kb / 2P
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
S3G-13-F DIODES-S3G-13-F Datasheet
133Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 16
S3GB-13-F DIODES-S3GB-13-F Datasheet
248Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 17
S3JB-13-F DIODES-S3JB-13-F Datasheet
133Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 16
S3KB-13 DIODES-S3KB-13 Datasheet
271Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 18
logo
Zibo Seno Electronic En...
S3ABF ZSELEC-S3ABF Datasheet
88Kb / 2P
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
GF3A ZSELEC-GF3A Datasheet
72Kb / 2P
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com