Electronic Components Datasheet Search
  English  ▼

X  

GF230 Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # GF230
Description  0.2A High Voltage Fast Recovery Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

GF230 Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  GF230 Datasheet HTML 1Page - TAITRON Components Incorporated GF230 Datasheet HTML 2Page - TAITRON Components Incorporated GF230 Datasheet HTML 3Page - TAITRON Components Incorporated GF230 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. A/AH 2008-05-04
GF225/GF230
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel:
(800)-TAITRON (800)-824-8766 (661)-257-6060
Fax:
(800)-TAITFAX (800)-824-8329
(661)-257-6415
0.2A High Voltage
Fast Recovery Rectifiers
0.2A High Voltage Fast Recovery Rectifiers
Features
• Fast recovery times
• Lost cost
• Designed for photo flash application
• Beveled round chip, avalanche operation
• RoHS compliance
Mechanical Data
Case:
JEDEC DO-41 molded plastic body
Epoxy:
Plastic package has UL flammability classification 94V-0
Terminals:
Plated axial leads, solderable per MIL-STD-202, Method 208
Polarity:
Color band denotes cathode end
Weight:
0.012 ounces, 0.34 gram
Maximum Ratings and Electrical Characteristics (T A=25ºC unless noted otherwise)
Symbol
Description
GF225
GF230
Unit
Conditions
VRRM
Maximum Recurrent Peak Reverse
Voltage
2500
3000
V
VRMS
Maximum RMS Voltage
1750
2100
V
VDC
Maximum DC Blocking Voltage
2500
3000
V
IF(AV)
Maximum Average Forward Rectified
Current
0.2
A
L=10mm, TA=55° C
IFSM
Peak Forward Surge Current
25
A
8.3ms single half
sine-wave
superimposed on
rated load (JEDEC
Method)
VF
Maximum Instantaneous
Forward Voltage
6.0
V
IF=0.2A
IR
Maximum DC Reverse Current at
Rated DC Blocking Voltage
5.0
µA
TA=25° C
Trr
Typical Reverse Recovery Time
500
nS
IF=0.5A, IR=1A,
Irr=0.25A
DO-41


Similar Part No. - GF230

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
GF235 TAITRON-GF235 Datasheet
136Kb / 4P
0.2A High Voltage Fast Recovery Rectifiers
More results

Similar Description - GF230

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
R1200F JGD-R1200F Datasheet
128Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
Bytes
R1200F BYTES-R1200F Datasheet
154Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
HFR125 EIC-HFR125 Datasheet
36Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
TAITRON Components Inco...
GF235 TAITRON-GF235 Datasheet
136Kb / 4P
0.2A High Voltage Fast Recovery Rectifiers
logo
UNIOHM CORPORATION
R1200F UNIOHM-R1200F Datasheet
67Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
Goodwork Semiconductor ...
R1200F GWSEMI-R1200F Datasheet
68Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
R3000F LRC-R3000F_15 Datasheet
339Kb / 7P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
Nanjing International G...
R1500F DGNJDZ-R1500F Datasheet
283Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
GR15-G-2 EIC-GR15-G-2 Datasheet
435Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
Shenzhen Luguang Electr...
R3500 LUGUANG-R3500 Datasheet
2Mb / 3P
0.2A Fast Recovery High Voltage Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com