Electronic Components Datasheet Search
  English  ▼

X  

GL41D Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # GL41D
Description  1.0A Surface Mount Glass Passivated Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

GL41D Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  GL41D Datasheet HTML 1Page - TAITRON Components Incorporated GL41D Datasheet HTML 2Page - TAITRON Components Incorporated GL41D Datasheet HTML 3Page - TAITRON Components Incorporated GL41D Datasheet HTML 4Page - TAITRON Components Incorporated GL41D Datasheet HTML 5Page - TAITRON Components Incorporated GL41D Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev. A/AH 2007-11-29
GL41A - GL41M
1.0A Surface Mount
Glass Passivated Rectifie
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 6
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
1.0A Surface Mount Glass Passivated Rectifier
Features
• Low profile surface mounted package
• Low Leakage Current
• Plastic package has underwriters laboratory
flammability classification 94 V-0
• High temperature soldering: 250 °C / 10 seconds at terminals
• RoHS compliant
Mechanical Data
Case:
JEDEC DO-213AB molded plastic
Terminals:
Plated terminals, solderable per MIL-STD-750, Method 2026
Mounting Position:
Any
Weight:
0.005 Ounce,0.15 gram
Maximum Ratings & Electrical Characteristics (Tamb = 25°C unless otherwise specified)
Notes:
(1)8.3ms single half sine-wave superimposed on rated load (JEDEC Method)
(2)Measured at 1.0 MHZ and applied reverse voltage of 4.0 VDC
Symbol
Description
GL41A
GL41B
GL41D
GL41G
GL41J
GL41K GL41M
Unit
VRRM
Max. Recurrent Peak Reverse Voltage
50
100
200
400
600
800
1000
V
VRMS
Max. RMS Voltage
35
70
140
280
420
560
700
V
VDC
Max. DC Blocking Voltage
50
100
200
400
600
800
1000
V
IAV
Max. Average Rectified Current
(See FIG.1)
1.0
A
IFSM
Peak Forward Surge Current (Note1)
30
A
VF
Max. Instantaneous Forward Voltage
1.1
V
Tamb=25°C
5
IR
Max. DC Reverse
Current at Rated DC
Blocking Voltage
Tamb=125°C
50
uA
CJ
Typical Junction Capacitance (Note2)
15
pF
Rθ-JA
20
Rθ-JL
Max. Thermal Resistance
50
°C/W
TJ
Operating Junction Range
-65 to 125
°C
TSTG
Storage Temperature Range
-65 to 150
°C
MELF
(DO-213AB)


Similar Part No. - GL41D

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GL41D GE-GL41D Datasheet
62Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
First Components Intern...
GL41D FCI-GL41D Datasheet
136Kb / 2P
1.0 Amp MEGARECTIFIERS
logo
Galaxy Semi-Conductor H...
GL41D BILIN-GL41D Datasheet
185Kb / 2P
SURFACE MOUNT RECTIFIER
logo
Vishay Siliconix
GL41D VISHAY-GL41D Datasheet
87Kb / 5P
Surface Mount Glass Passivated Junction Rectifier
15-Mar-11
logo
Shenzhen Luguang Electr...
GL41D LUGUANG-GL41D Datasheet
300Kb / 2P
Surface Mount Rectifiers
More results

Similar Description - GL41D

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S1A DIODES-S1A Datasheet
54Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16003 Rev. 8 - 2
DFLR1800 DIODES-DFLR1800 Datasheet
78Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS35075 Rev. 2 - 2
S1A DIODES-S1A_10 Datasheet
100Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16003 Rev. 20 - 2
logo
Johanson Technology Inc...
S1B13F JOHANSON-S1B13F Datasheet
101Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
S1DB-13-F DIODES-S1DB-13-F Datasheet
120Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 22
S1G-13 DIODES-S1G-13 Datasheet
101Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 22
S1GB-13 DIODES-S1GB-13 Datasheet
101Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 22
DFLR1200 DIODES-DFLR1200_15 Datasheet
143Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 6
S1MDFQ DIODES-S1MDFQ Datasheet
417Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev erse
logo
Zibo Seno Electronic En...
M1F ZSELEC-M1F Datasheet
478Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com