Electronic Components Datasheet Search
  English  ▼

X  

GL34M Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # GL34M
Description  0.5A Surface Mount Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

GL34M Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  GL34M Datasheet HTML 1Page - TAITRON Components Incorporated GL34M Datasheet HTML 2Page - TAITRON Components Incorporated GL34M Datasheet HTML 3Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev. A/AH 2008-03-10
GL34A – GL34M
0.5A Surface Mount Rectifier
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 3
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
0.5A Surface Mount Rectifier
Features
• For surface mount applications
• Low leakage current
• RoHS Compliant
Mechanical Data
Case:
JEDEC MiniMelf molded plastic
Epoxy:
Plastic package has UL flammability classification 94V-0
Terminals:
Solder plated solderable per MIL-STD-750, Method 2026
Polarity:
Cathode end indicated by color band
Weight:
0.0014 ounce, 0.036 gram
Maximum Ratings (T Ambient=25ºC unless noted)
Symbol
Description
GL34A
GL34B
GL34D
GL34G
GL34J
GL34K
GL34M
Unit
Conditions
VRRM
Maximum Repetitive
Peak Reverse Voltage
50
100
200
400
600
800
1000
V
VRMS
Maximum RMS Voltage
35
70
140
280
420
560
700
V
VDC
Maximum DC Blocking
Voltage
50
100
200
400
600
800
1000
V
IF(AV)
Maximum Average
Forward Rectified
Current
0.5
A
TL=50°C
IFSM
Peak Forward Surge
Current
10
A
8.3ms single half sine-
wave superimposed on
rated load (JEDEC
Method)
VF
Maximum Instantaneous
Forward Voltage
1.1
V
IF=0.5 A
5
TA=25° C
IR
Maximum DC Reverse
Current at Rated DC
Blocking Voltage
250
µA
TA=100° C
CJ
Typical Junction
Capacitance
15
pF
VR=4V, f=1MHz
RthJA
Typical Thermal
Resistance, Junction to
Ambient
206
°C / W
TJ,TSTG
Operating Junction and
Storage Temperature
Range
-55 to +125
° C
MiniMelf


Similar Part No. - GL34M

ManufacturerPart #DatasheetDescription
logo
Dc Components
GL34M DCCOM-GL34M Datasheet
340Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON RECTIFIER
logo
Micro Commercial Compon...
GL34M MCC-GL34M Datasheet
354Kb / 2P
0.5 Amp Standard Recovery Rectifier 50 to 1000 Volts
logo
Diotec Semiconductor
GL34M DIOTEC-GL34M Datasheet
170Kb / 2P
Surface Mount Si-Rectifiers
logo
Formosa MS
GL34M FORMOSA-GL34M Datasheet
77Kb / 2P
MINI-MELF glass passivated junction Diodes - Silicon passivated type
logo
Semikron International
GL34M SEMIKRON-GL34M Datasheet
117Kb / 2P
Standard silicon rectifier diodes
More results

Similar Description - GL34M

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B0520LW DIODES-B0520LW_1 Datasheet
84Kb / 3P
0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30051 Rev. 12 - 2
B0530W DIODES-B0530W_1 Datasheet
383Kb / 3P
0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30139 Rev. 7 - 2
BAT400D DIODES-BAT400D_1 Datasheet
363Kb / 3P
0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30182 Rev. 13 - 2
logo
Taiwan Semiconductor Co...
BAT400D TSC-BAT400D Datasheet
48Kb / 2P
0.5A Surface Mount Schottky Barrier Rectifier
logo
TAITRON Components Inco...
MB2S TAITRON-MB2S Datasheet
145Kb / 4P
0.5A Surface Mount Bridge Rectifier
logo
Diodes Incorporated
B0540W DIODES-B0540W_09 Datasheet
98Kb / 3P
0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 10 - 2 March 2009
B0520LW DIODES-B0520LW_14 Datasheet
98Kb / 4P
0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 15
B0540W DIODES-B0540W_15 Datasheet
98Kb / 3P
0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev erse
BAT400D DIODES-BAT400D_15 Datasheet
342Kb / 4P
0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 16
logo
Zibo Seno Electronic En...
RM20 ZSELEC-RM20 Datasheet
144Kb / 2P
0.5A SURFACE MOUNT HIGH VOLTAGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com