Electronic Components Datasheet Search
  English  ▼

X  

KBPC40-005S Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # KBPC40-005S
Description  40A Single-Phase in-line Bridge Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

KBPC40-005S Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  KBPC40-005S Datasheet HTML 1Page - TAITRON Components Incorporated KBPC40-005S Datasheet HTML 2Page - TAITRON Components Incorporated KBPC40-005S Datasheet HTML 3Page - TAITRON Components Incorporated KBPC40-005S Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. A/DX 2007-06-09
KBPC40-005S – KBPC40-10S
40A Single-Phase in-line
Bridge Rectifier
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
40A Single-Phase in-line Bridge Rectifier
Features
• Low Forward Voltage Drop
• High Current Capability, High Reliablity
• High Surge Current Capability
• Designed for Saving Mounting Space
• RoHS Compliant
Mechanical Data
Case:
KBPCS, molded plastic with heatsink internally mounted in the bridge encapsulation
Terminals:
Plated leads solderable per MIL-STD-202, method 208
Polarity:
As marked on body
Mounting:
Through hole with #10 screw
Mounting Torque:
23 cm-kg (20 in-lbs) Max.
Weight:
21grams
Maximum Ratings And Electrical Characteristics (T
amb=25˚C)
Symbol
Description
KBPC40
-005S
KBPC40
-01S
KBPC40
-02S
KBPC40
-04S
KBPC40
-06S
KBP40
-08S
KBPC40
-10S
Unit
Conditions
VRRM
Max. Repetitive Peak
Reverse Voltage
50
100
200
400
600
800
1000
V
VRMS
Max. RMS Voltage
35
70
140
280
420
560
700
V
VDC
Max. DC blocking
voltage
50
100
200
400
600
800
1000
V
IO
Average Rectified
Output Current
40
A
TA=60
˚C
IFSM
Non-Repetitive Peak
Forward Surge Current
400
A
8.3ms single
half
sine-wave
superimposed
on rated load
(JEDEC
method)
KBPCS
(Plastic Case with Metal Heat Sink)


Similar Part No. - KBPC40-005S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KBPC40-00 ETC1-KBPC40-00 Datasheet
204Kb / 4P
10 to 40 Amp SINGLE PHASE SILICON BRIDGE
More results

Similar Description - KBPC40-005S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GSIB420 VISHAY-GSIB420 Datasheet
55Kb / 2P
Single-Phase Single In-Line Bridge Rectifier
26-Nov-03
logo
Won-Top Electronics
KBPC40 WTE-KBPC40_06 Datasheet
54Kb / 4P
40A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
KBPC40P WTE-KBPC40P Datasheet
55Kb / 4P
40A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
KBPC40S WTE-KBPC40S Datasheet
73Kb / 4P
40A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
logo
TAITRON Components Inco...
KBPC50-005S TAITRON-KBPC50-005S Datasheet
150Kb / 4P
50A Single-Phase in-line Bridge Rectifier
MB4005 TAITRON-MB4005 Datasheet
146Kb / 4P
40A Single-Phase Bridge Rectifier
logo
Vishay Siliconix
GSIB420 VISHAY-GSIB420_08 Datasheet
123Kb / 4P
Single-Phase Single In-Line Bridge Rectifier
31-Jan-08
VSIB4A20 VISHAY-VSIB4A20 Datasheet
101Kb / 4P
Single-Phase Single In-Line Bridge Rectifier
14-Jul-09
VSIB420 VISHAY-VSIB420 Datasheet
101Kb / 4P
Single-Phase Single In-Line Bridge Rectifier
14-Jul-09
GBUE2560 VISHAY-GBUE2560 Datasheet
100Kb / 5P
Single-Phase Single In-Line Bridge Rectifier
18-Oct-17
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com