Electronic Components Datasheet Search
  English  ▼

X  

AXIS145 Datasheet(PDF) 2 Page - Advanced XTAL Products

Part # AXIS145
Description  VCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIS145 Datasheet(HTML) 2 Page - Advanced XTAL Products

  AXIS145 Datasheet HTML 1Page - Advanced XTAL Products AXIS145 Datasheet HTML 2Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AXIS145
ww.axtal.com
Wasemweg 5
page
2(2)
fon: +49 (6261) 939834
D-74821 Mosbach
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Frequency Stability over Temperature
Table 1
Table 2
Code4
Stability
10
± 10
15
± 15
20
± 20
30
± 30
50
± 50
100
± 100
Lower
Temperature
Upper Temperature
Code5
Temp/°C
Code5
Temp/°C
0
0
A
+50
1
-10
B
+60
2
-20
C
+70
3
-30
D
+75
4
-40
E
+80
F
+85
Ordering Code:
Option 1
Option 2
Option 3
Option 4
Option 5
Option 6
Part
number
Supply
Voltage
Output
Stability
Temp.
range
Pulling
range
Pulling
slope
AXIS145
5 or 3
S, H, P, L
See tables 1 & 2
5, 10, 15
_ or “N”
All combinations of options might not be available. Please consult factory
Example: AXIS145-5-S-10-2C-5
Enclosure drawings
Pin connections
Sine wave and HCMOS
Pin #
Symbol
Function
1
VC
Voltage Control (EFC)
2
N.C.
No Connection
3
GND
Ground
4
RF OUT
RF Output
5
N.C.
No Connection
6
VS
Supply Voltage
PECL and LVDS
Pin #
Symbol
Function
1
VC
Voltage Control (EFC)
2
N.C.
No Connection
3
GND
Ground
4
RF OUT
RF Output
5
CompOut
Complementary Output
6
VS
Supply Voltage



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com