Electronic Components Datasheet Search
  English  ▼

X  

AXIS207 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXIS207
Description  VCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIS207 Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXIS207 Datasheet HTML 1Page - Advanced XTAL Products AXIS207 Datasheet HTML 2Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AXIS207
ww.axtal.com
Wasemweg 5
page
1(2)
fon: +49 (6261) 939834
D-74821 Mosbach
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXIS207
Issue: 01
Date:2008-05-07
Oscillator type : VCXO in DIL14 package
Parameter
min.
typ.
max.
Unit
Condition
Frequency range
6
1
190
800
MHz
MHz
Sinewave
HCMOS, PECL, LVDS
Frequency stability
ppm
vs. temperature
± 10 ppm to ± 100 ppm
ppm
See tables 1 & 2
vs. supply voltage variation
ppm
vs. load change
ppm
± 10 %
long term (aging) per year
± 3
ppm
@+40°C
Frequency adjustment range
Electronic Frequency Control (EFC)
± 50
± 100
± 150
ppm
ppm
ppm
Option 5 = “5”
Option 5 = “10”
Option 5 = “15”
EFC voltage VC
0.15
0
1.65
2.5
3.15
5
V
V
Option 1 = “3”
Option 1 = “5”
EFC slope (
∆f / ∆V
C)
Positive
negative
Option 6 = blank
Option 6 = “N” (Note 4)
EFC input impedance
100
k
Ω
RF output
Signal waveform
Sine wave
HCMOS
PECL
LVDS
Option 2 = “S”
Option 2 = “H”
Option 2 = “P”
Option 2 = “L”
Load
50
Ω
15 pF
50
Ω + bias
Option 2 = “S”
Option 2 = “H”
Option 2 = “P” or “L”
0
+10
dBm
dBm
Option 2 = “S” / 3.3 V
Option 2 = “S” / 5.0 V
Amplitude
According to relevant Logic Standard
Option 2 = “H”, “P”,“L”
Supply voltage VS
3.15
4.75
3.3
5.0
3.45
5.25
V
V
Option 1 = “3”
Option 1 = “5”
Current consumption (Note 3)
15 ~ 70
15 ~ 100
25 ~ 100
mA
mA
mA
Option 2 = “S”
Option 2 = “H”
Option 2 = “P” or “L”
Storage temperature range
-45
+90
°C
Enclosure (see drawing) L x W x H
20.7 x 13,1 x 5.1 max.
or
20.7 x 13,1 x 7.5 max.
mm
IEC60679-3 CO 02
Marking
AXIS207
Freq
wwAXPyy
Specification
Frequency
ww=week, yy=year
Packing
Tape & reel
IEC 60286-3
Construction
Lead(Pb) -free
Notes:
1.
Terminology and test conditions are according to IEC standard IEC60679-1, unless otherwise stated
2.
All combinations of options might not be available. Please consult factory
3.
Depending on frequency and supply voltage
4.
Negative slope only available for HCMOS Output version (Option 2 = “H”)


Similar Part No. - AXIS207

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIS20 AXTAL-AXIS20 Datasheet
54Kb / 2P
PECL VCXO
2005-07-15
More results

Similar Description - AXIS207

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
VCXO-105N KSS-VCXO-105N Datasheet
149Kb / 1P
VCXO
VCXO-199 KSS-VCXO-199 Datasheet
187Kb / 1P
VCXO
VCXO-252J KSS-VCXO-252J Datasheet
145Kb / 1P
VCXO
logo
List of Unclassifed Man...
C5379 ETC-C5379 Datasheet
35Kb / 3P
VCXO
logo
Advanced XTAL Products
AXIS60-11 AXTAL-AXIS60-11 Datasheet
67Kb / 2P
VCXO
2005-07-15
AXIS100-03 AXTAL-AXIS100-03 Datasheet
53Kb / 2P
VCXO
2005-06-10
AXIS145 AXTAL-AXIS145 Datasheet
53Kb / 2P
VCXO
2008-05-31
logo
Vectron International, ...
C5310 VECTRON-C5310_07 Datasheet
195Kb / 6P
VCXO
logo
MMD Components
MVLPMVLL MMD-MVLPMVLL_12 Datasheet
106Kb / 2P
VCXO
MVSC1 MMD-MVSC1_12 Datasheet
129Kb / 2P
VCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com