Electronic Components Datasheet Search
  English  ▼

X  

LM431 Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # LM431
Description  Shunt Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

LM431 Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  LM431 Datasheet HTML 1Page - TAITRON Components Incorporated LM431 Datasheet HTML 2Page - TAITRON Components Incorporated LM431 Datasheet HTML 3Page - TAITRON Components Incorporated LM431 Datasheet HTML 4Page - TAITRON Components Incorporated LM431 Datasheet HTML 5Page - TAITRON Components Incorporated LM431 Datasheet HTML 6Page - TAITRON Components Incorporated LM431 Datasheet HTML 7Page - TAITRON Components Incorporated LM431 Datasheet HTML 8Page - TAITRON Components Incorporated LM431 Datasheet HTML 9Page - TAITRON Components Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Rev. A/DX 2007-06-04
LM431 LM431A LM431B
Shunt Regulator
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 14
Tel:
(800)-TAITRON (800)-824-8766 (661)-257-6060
Fax:
(800)-TAITFAX (800)-824-8329
(661)-257-6415
Shunt Regulator
General Description
• The LM431 Series ICs are three-terminal programmable
shunt regulators with guaranteed thermal stability over a
full operation range. These monolithic ICs voltage reference
operate as a low temperature coefficient Zener which is
programmable from Vref to 36V with two external resistors.
These devices exhibit a wide operating current range of 1.0 to
100mA with a typical dynamic impedance of 0.15 to 0.22Ω. The
characteristics of these references make them excellent
replacements for Zener diodes in many applications such as
digital voltmeters, power supplies and op amp circuitry
The 2.5V reference makes it convenient to obtain a stable
reference from 5.0V logic supplies, and since the LM431 series
operates as a shunt regulator, it can be used as either a positive or
negative voltage reference.
• The output voltage of both types can be set to any value between VREF (2.5V) and the corresponding
maximum cathode voltage.
.
Features
Applications
• Programmable Precise Output Voltage from
2.5V to 36V
• High Stability under Capacitive Load
• Low Temperature Deviation
• Can be used in either positive or negative
Voltage reference
• Low Dynamic Output Impedance: 0.15 to 0.22Ω Typical
• Operating Current from 1.0mA to 100mA
• Low Output Noise Voltage
• RoHS Compliance
SOT-89
SOP-8
TO-92
SOT-23-5
SOT-23
• Charger
• Voltage Adapter
• Switching Power Supply
• Graphic Card
• Precision Voltage Reference


Similar Part No. - LM431

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM431 PHILIPS-LM431 Datasheet
189Kb / 16P
Adjustable precision shunt regulators
1997 Feb 25
logo
Fairchild Semiconductor
LM431 FAIRCHILD-LM431 Datasheet
88Kb / 10P
Programmable Shunt Regulator
logo
National Semiconductor ...
LM431 NSC-LM431 Datasheet
380Kb / 12P
Adjustable Precision Zener Shunt Regulator
LM431 NSC-LM431 Datasheet
870Kb / 13P
Adjustable Precision Zener Shunt Regulator
logo
Texas Instruments
LM431 TI-LM431 Datasheet
1Mb / 23P
The LM431 is a 3-terminal adjustable shunt regulator with ensured temperature stability over the entire temperature range of operation.
More results

Similar Description - LM431

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA17431H HITACHI-HA17431H Datasheet
146Kb / 15P
Shunt Regulator
logo
List of Unclassifed Man...
LM431L ETC2-LM431L Datasheet
754Kb / 13P
Shunt Regulator
logo
Renesas Technology Corp
HA17431VPJ RENESAS-HA17431VPJ Datasheet
326Kb / 18P
Shunt Regulator
logo
TAITRON Components Inco...
LM431L TAITRON-LM431L Datasheet
754Kb / 13P
Shunt Regulator
logo
Renesas Technology Corp
HA17L431 RENESAS-HA17L431 Datasheet
130Kb / 10P
Shunt Regulator
HA17431H RENESAS-HA17431H Datasheet
96Kb / 7P
Shunt Regulator
logo
Sirectifier Global Corp...
TL431 SIRECT-TL431 Datasheet
677Kb / 4P
Shunt Regulator
logo
Renesas Technology Corp
HA17431 RENESAS-HA17431_15 Datasheet
323Kb / 21P
Shunt Regulator
HA17431H RENESAS-HA17431H_15 Datasheet
186Kb / 8P
Shunt Regulator
HA17L431HA17L431A RENESAS-HA17L431HA17L431A_15 Datasheet
217Kb / 11P
Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com