Electronic Components Datasheet Search
  English  ▼

X  

LM431B Datasheet(PDF) 10 Page - TAITRON Components Incorporated

Part # LM431B
Description  Shunt Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

LM431B Datasheet(HTML) 10 Page - TAITRON Components Incorporated

Back Button LM431B Datasheet HTML 6Page - TAITRON Components Incorporated LM431B Datasheet HTML 7Page - TAITRON Components Incorporated LM431B Datasheet HTML 8Page - TAITRON Components Incorporated LM431B Datasheet HTML 9Page - TAITRON Components Incorporated LM431B Datasheet HTML 10Page - TAITRON Components Incorporated LM431B Datasheet HTML 11Page - TAITRON Components Incorporated LM431B Datasheet HTML 12Page - TAITRON Components Incorporated LM431B Datasheet HTML 13Page - TAITRON Components Incorporated LM431B Datasheet HTML 14Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Shunt Regulator
Rev. A/DX 2007-06-04
LM431
www.taitroncomponents.com
Page 10 of 14
Device Marking Code
Circuit
Tolerance
SOT-23 (N)
SOT-23-5 (N5)
SOT-89 (K)
Blank
2.20%
3A
3A
3A
A
0.80%
EA2
E3B
E43B
LM431
B
0.40%
EA1
E3A
E43A
Dimensions in inches (mm)
SOP-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com