Electronic Components Datasheet Search
  English  ▼

X  

LM431L Datasheet(PDF) 3 Page - TAITRON Components Incorporated

Part # LM431L
Description  Shunt Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

LM431L Datasheet(HTML) 3 Page - TAITRON Components Incorporated

  LM431L Datasheet HTML 1Page - TAITRON Components Incorporated LM431L Datasheet HTML 2Page - TAITRON Components Incorporated LM431L Datasheet HTML 3Page - TAITRON Components Incorporated LM431L Datasheet HTML 4Page - TAITRON Components Incorporated LM431L Datasheet HTML 5Page - TAITRON Components Incorporated LM431L Datasheet HTML 6Page - TAITRON Components Incorporated LM431L Datasheet HTML 7Page - TAITRON Components Incorporated LM431L Datasheet HTML 8Page - TAITRON Components Incorporated LM431L Datasheet HTML 9Page - TAITRON Components Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Shunt Regulator
Rev. A/DX 2007-06-04
LM431L
www.taitroncomponents.com
Page 3 of 13
Block Diagram
Symbols
Absolute Maximum Ratings (Ta=25° C)
(Full operating ambient temperature range applies unless otherwise noted.)
Symbol
Description
LM431L
LM431LA LM431LB
Unit
VKA
Cathode Voltage
16
18
V
IKA
Cathode Current Range (Continuous)
50
-100 ~ +100
mA
IREF
Reference Input Current Range
(Continuous)
3
10
mA
TJ
Operating Junction Temperature
150
° C
TOPR
Operating Temperature Range
-40 ~ 85
-40 ~ 125
° C
TSTG
Storage Temperature Range
-65 ~ 150
° C
Z:TO-92
700
770
N:SOT-23
350
370
N5:SOT-23-5
550
370
PD
Power Dissipation
K: SOT-89
-
770
mW
Z:TO-92
180
150
N:SOT-23
360
330
N5:SOT-23-5
230
250
RthJA
Package Thermal
Impedance
K: SOT-89
-
50
° C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com