Electronic Components Datasheet Search
  English  ▼

X  

LMV358 Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # LMV358
Description  Dual Low Voltage Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

LMV358 Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  LMV358 Datasheet HTML 1Page - TAITRON Components Incorporated LMV358 Datasheet HTML 2Page - TAITRON Components Incorporated LMV358 Datasheet HTML 3Page - TAITRON Components Incorporated LMV358 Datasheet HTML 4Page - TAITRON Components Incorporated LMV358 Datasheet HTML 5Page - TAITRON Components Incorporated LMV358 Datasheet HTML 6Page - TAITRON Components Incorporated LMV358 Datasheet HTML 7Page - TAITRON Components Incorporated LMV358 Datasheet HTML 8Page - TAITRON Components Incorporated LMV358 Datasheet HTML 9Page - TAITRON Components Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Dual Low Voltage Operational Amplifier
Rev. A/DX 2007-06-04
LMV358
www.taitroncomponents.com
Page 2 of 18
Internal Block Diagram
Absolute Maximum Ratings
Symbol
Description
Ratings
Unit
VCC
Supply Voltage
2.7 to 5.5
V
VI(DIFF)
Differential Input Voltage
±Supply Voltage
V
VIO
Max. Input Offset Voltage
7
mV
-
Output Short Circuit to V
⎯
Note1
-
Output Short Circuit to V+
Note2
RthJA
Typical Thermal Resistance (Note3)
235
° C/W
-
Infrared (15 sec)
-
-
TJ
Junction Temperature (Note4)
150
° C
TOPR
Operating Temperature Range
-40 ~ +85
° C
TSTG
Storage Temperature Range
-65~ +150
° C
Note: 1. Shorting output to V⎯ will adversely after reliability.
2. Shorting output to V+ will adversely affect reliability.
3. All numbers are typical, and apply for packages soldered directly note a PC board is still air.
4. The max. power dissipation is a function of TJ(max) θJA and TA. The max. allowable power
dissipation at any ambient temperature is PD=(TJ(max) – TA)/ θJA. All numbers apply for
packages soldered directly into a PC board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com