Electronic Components Datasheet Search
  English  ▼

X  

E5WS Datasheet(PDF) 1 Page - Ecliptek Corporation

Part # E5WS
Description  CRYSTAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

E5WS Datasheet(HTML) 1 Page - Ecliptek Corporation

  E5WS Datasheet HTML 1Page - Ecliptek Corporation E5WS Datasheet HTML 2Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
E5WS Series
• RoHS Compliant
• 32.768kHz watch crystal
• Miniature four pad surface mount package
• ±20ppm frequency tolerance
• 7.0pF or 12.5pF load capacitance available
• Tape and reel available
CRYSTAL
E5WS
MANUFACTURER
CATEGORY
SERIES
PACKAGE
CLASS
REV
.DATE
ECLIPTEK CORP.
CRYSTAL
E5WS
PLASTIC
CR53
02/06
NOTES
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
ELECTRICAL SPECIFICATIONS
Frequency
Frequency Tolerance (at 25°C)
Frequency Stability
Operating Temperature Range
Aging (at 25°C)
Storage Temperature Range
Shunt Capacitance
Motional Capacitance
Equivalent Series Resistance
Insulation Resistance
Drive Level
Load Capacitance (C
L)
32.768kHz
±20ppm
-0.035ppm / (
∆°C)2 Maximum, Parabolic;
Turn Over Temperature at 25°C ±5°C
-40°C to 85°C
±3ppm / year Maximum
-55°C to 125°C
0.85pF Typical, 2pF Maximum
1.9fF Typical
65,000 Ohms Maximum
500 Megaohms Minimum at 100V
DC
1 µWatt Maximum
12.5pF or 7pF
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
H
1.4
L
7.0
W
1.5


Similar Description - E5WS

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC26T ECLIPTEK-EC26T Datasheet
103Kb / 3P
CRYSTAL
E8WS ECLIPTEK-E8WS Datasheet
108Kb / 2P
CRYSTAL
E7WS ECLIPTEK-E7WS Datasheet
165Kb / 3P
CRYSTAL
E4WC ECLIPTEK-E4WC Datasheet
103Kb / 2P
CRYSTAL
E1S ECLIPTEK-E1S Datasheet
108Kb / 2P
CRYSTAL
ECPSM310T ECLIPTEK-ECPSM310T Datasheet
150Kb / 3P
CRYSTAL
logo
Abracon Corporation
AXS-3030-06-03 ABRACON-AXS-3030-06-03 Datasheet
402Kb / 1P
CRYSTAL/CRYSTAL OSCILLATOR SOCKET
07.10.09
AXS-3215-02-01 ABRACON-AXS-3215-02-01 Datasheet
402Kb / 1P
CRYSTAL/CRYSTAL OSCILLATOR SOCKET
07.10.09
AXS-3838-08-01 ABRACON-AXS-3838-08-01 Datasheet
425Kb / 1P
CRYSTAL/CRYSTAL OSCILLATOR SOCKET
07.10.09
AXS-4115-02-06 ABRACON-AXS-4115-02-06 Datasheet
402Kb / 1P
CRYSTAL/CRYSTAL OSCILLATOR SOCKET
07.10.09
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com