Electronic Components Datasheet Search
  English  ▼

X  

ST7265AR4M0 Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST7265AR4M0
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7265AR4M0 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST7265AR4M0 Datasheet HTML 11Page - STMicroelectronics ST7265AR4M0 Datasheet HTML 12Page - STMicroelectronics ST7265AR4M0 Datasheet HTML 13Page - STMicroelectronics ST7265AR4M0 Datasheet HTML 14Page - STMicroelectronics ST7265AR4M0 Datasheet HTML 15Page - STMicroelectronics ST7265AR4M0 Datasheet HTML 16Page - STMicroelectronics ST7265AR4M0 Datasheet HTML 17Page - STMicroelectronics ST7265AR4M0 Datasheet HTML 18Page - STMicroelectronics ST7265AR4M0 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 166 page
background image
ST7265x
15/166
Figure 8. Smartmedia Card Writer Or Flash Drive Application Example
Table 2. SmartMedia Interface Pin Assignment
(1): This line shows if the ST72F65 pin is controlled by the
ST7 core or the DTC.
(2): These lines are not controlled by the DTC but by the
user software running on the ST7 core. The ST72F65 pin
choice is at customer discretion. The pins shown here are
only shown as an example.
(3): When a single card is to be handled, PA7 is free for
other functions. When 2 Smartmedia are to be handled,
pins from both cards should be tied together (i.e. CLE1
with CLE2...) except for the CE pins. CE pin from card 1
should be connected to PA6 and CE pin from card 2
should be connect to PA7. Selection of the operating card
is done by ST7 software.
(4) As this is a single power supply application, the US-
BEN function in not needed. Thus PF4/USBEN pin can be
used as a normal I/O by configuring it as such by the op-
tion byte.
DTC
FLASH
VDDF
VPP
VDD
POWER
MANAGEMENT
100nF
12V for
level translator
Flash prog.
REGULATOR
I/O
LOGIC
UP TO 2
SMARTMEDIA
CARDS
PA
PB
VDD
8
6
I/O
0~7
CTRL
(4)
2
PE
VCC
USB
DP
DM
USBVDD
USB Port
GND
USB
4.7
µF
USBVDD
USB
5V
DP
DM
GND
=4.0-5.5V
100nF
100nF
1.5K
Ω
LED2
LED1
(connect to
GND if
not used)
5
1
SmartMedia Pin
I/O0~7
CLE
WE
ALE
RE
R/B
WP(2)
CE1(2)
CE2(2)(3)
ST72F65 pin
PB0-7
PA0
PA1
PA2
PA3
PA4
PA7
PE1
PE0
ST7 / DTC (1)
DTC
DTC
DTC
DTC
DTC
DTC
ST7
ST7
ST7
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com