Electronic Components Datasheet Search
  English  ▼

X  

MB4005 Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # MB4005
Description  40A Single-Phase Bridge Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

MB4005 Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  MB4005 Datasheet HTML 1Page - TAITRON Components Incorporated MB4005 Datasheet HTML 2Page - TAITRON Components Incorporated MB4005 Datasheet HTML 3Page - TAITRON Components Incorporated MB4005 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. A/DX 2007-06-09
MB4005 – MB4010
40A Single-Phase
Bridge Rectifier
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
40A Single-Phase Bridge Rectifier
Features
• Low Reverse Leakage Current
• Low Power Loss, High Efficiency
• Electrically Isolated Metal Case for
Max. Heat Dissipation
• Case to Terminal Isolation Voltage 2500V
• This series is UL recognized under component index,
File number E194718
• RoHS Compliant
Mechanical Data
Case:
KBPC (MB35) Metal case with faston lugs
Terminals:
Plated faston lugs
Polarity:
As marked on case
Mounting:
Through hole with #10 screw
Mounting Torque:
23 cm-kg (20 in-lbs) Max.
Weight:
30 grams
Maximum Ratings And Electrical Characteristics (T
amb=25˚C)
Symbol
Description
MB4005
MB401
MB402
MB404
MB406
MB408
MB4010
Unit
Conditions
VRRM
Max. Repetitive Peak
Reverse Voltage
50
100
200
400
600
800
1000
V
VRMS
Max. RMS Voltage
35
70
140
280
420
560
700
V
VDC
Max. DC blocking voltage
50
100
200
400
600
800
1000
V
IO
Average Rectified
Output Current
40
A
TA=60
˚C
IFSM
Non-Repetitive Peak
Forward Surge Current
400
A
8.3ms single half
sine-wave
superimposed on
rated load (JEDEC
method)
MB35
(Metal Case)


Similar Part No. - MB4005

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MB4005 MCC-MB4005 Datasheet
77Kb / 2P
40 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
MIC GROUP RECTIFIERS
MB4005 MIC-MB4005 Datasheet
100Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
MB4005 WINNERJOIN-MB4005 Datasheet
146Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
logo
Micro Commercial Compon...
MB4005W MCC-MB4005W Datasheet
77Kb / 2P
40 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - MB4005

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
Single Phase Rectifier Bridge
logo
Won-Top Electronics
GBPC40 WTE-GBPC40_06 Datasheet
62Kb / 4P
40A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
GBPC40S WTE-GBPC40S_06 Datasheet
73Kb / 4P
40A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
KBPC40 WTE-KBPC40_06 Datasheet
54Kb / 4P
40A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
KBPC40P WTE-KBPC40P Datasheet
55Kb / 4P
40A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
KBPC40S WTE-KBPC40S Datasheet
73Kb / 4P
40A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
TAITRON Components Inco...
KBPC40-005S TAITRON-KBPC40-005S Datasheet
152Kb / 4P
40A Single-Phase in-line Bridge Rectifier
logo
Zibo Seno Electronic En...
GBPC4000 ZSELEC-GBPC4000 Datasheet
90Kb / 2P
40A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
KBPC4000 ZSELEC-KBPC4000 Datasheet
388Kb / 2P
40A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com