Electronic Components Datasheet Search
  English  ▼

X  

MFPS28S Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # MFPS28S
Description  2.0A Surface Mount Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

MFPS28S Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  MFPS28S Datasheet HTML 1Page - TAITRON Components Incorporated MFPS28S Datasheet HTML 2Page - TAITRON Components Incorporated MFPS28S Datasheet HTML 3Page - TAITRON Components Incorporated MFPS28S Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. B/WW
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
MFPS22S – MFPS210S
2.0A Surface Mount
Schottky Rectifier
2.0A Surface Mount Schottky Rectifier
Features
• Mini-SMA Package for Surface Mounted Applications
• Low Leakage Current, High Efficiency
• Epoxy Molding Compound has UL Flammability
Classification 94V-0
• RoHS Compliance
MFP
Mechanical Data
Case:
MFP / MINI-SMA, Molded plastic body
Terminals:
Solder plated, solderable per MIL-STD-750, Method 2026
Polarity:
Indicated by cathode band
Mounting Position:
Any
Weight:
0.04 gram
Maximum Ratings and Electrical Characteristics (T A=25ºC unless otherwise noted)
Symbol
Description
MFPS
22S
MFPS
23S
MFPS
24S
MFPS
25S
MFPS
26S
MFPS
28S
MFPS
210S
Unit
Conditions
VRRM
Max. Repetitive Peak
Reverse Voltage
20
30
40
50
60
80
100
V
VRMS
Max. RMS Voltage
14
21
28
35
42
56
70
V
IF(AV)
Average Forward
Rectified Current
2.0
A
See Fig.1
IFSM
Peak Forward Surge
Current
50
A
VF
Max. Forward Voltage
0.5
0.7
0.85
V
IF=2.0A
0.5
mA
TA=25°C
IR
Reverse Current
@ VR = VRRM
10
mA
TA=125°C
RthJA
Thermal Resistance
85
°C / W
Junction to ambient
CJ
Diode Junction
Capacitance
160
pF
VR= 4V, f=1MHz
TJ,TSTG
Operating Junction
and Storage
Temperature Range
-55 to +125
-55 to +150
° C


Similar Part No. - MFPS28S

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
MFPS2S TAITRON-MFPS2S Datasheet
193Kb / 4P
1.0A Surface Mount Schottky Rectifier
More results

Similar Description - MFPS28S

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
SS22 TAITRON-SS22 Datasheet
187Kb / 5P
2.0A Surface Mount Schottky Rectifier
logo
Diodes Incorporated
B220-13 DIODES-B220-13 Datasheet
249Kb / 5P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 21
B230-13-F DIODES-B230-13-F Datasheet
249Kb / 5P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 21
B250A-13 DIODES-B250A-13 Datasheet
106Kb / 4P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 16
logo
SUNMATE electronic Co.,...
SK22 SUNMATE-SK22 Datasheet
146Kb / 2P
2.0A Surface Mount Schottky Barrier Rectifier
SS22 SUNMATE-SS22 Datasheet
100Kb / 2P
2.0A Surface Mount Schottky Barrier Rectifier
logo
Diodes Incorporated
MBR230S1F DIODES-MBR230S1F_15 Datasheet
251Kb / 5P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev erse
B220AQ DIODES-B220AQ Datasheet
286Kb / 6P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 2
DFLS230LQ DIODES-DFLS230LQ Datasheet
287Kb / 5P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 2
PD3S230HQ DIODES-PD3S230HQ Datasheet
224Kb / 5P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 1 - 2 March 2014
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com