Electronic Components Datasheet Search
  English  ▼

X  

MLL4936 Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # MLL4936
Description  1.0A Glass Passivated Fast Recovery Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

MLL4936 Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  MLL4936 Datasheet HTML 1Page - TAITRON Components Incorporated MLL4936 Datasheet HTML 2Page - TAITRON Components Incorporated MLL4936 Datasheet HTML 3Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev. B/AH 2008-01-15
MLL4933 - MLL4937
1.0A Glass Passivated
Fast Recovery Rectifier
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
Page 1 of 3
1.0A Glass Passivated Fast Recovery Rectifier
Features
• For Surface Mount Applications
• Glass Passivated Junction
• Exceeds Environmental Standards of MIL-S-19500/228
• High Temperature Soldering Guarantee: 250°C/10secs
• RoHS Compliant
MELF
Mechanical Data
Case:
Molded plastic body
Epoxy:
Meets UL 94V-0 flammability rating
Terminals:
Solderable End, Per MIL-STD-750, Method 2026
Weight:
0.15 grams
Maximum Ratings and Electrical Characteristics (T
A=25ºC unless noted otherwise)
Symbol
Parameter
MLL4933
MLL4934
MLL4935
MLL4936
MLL4937
Units
VRRM
Max. Recurrent Peak Reverse Voltage
50
100
200
400
600
V
VRMS
Max. RMS Voltage
35
70
140
280
420
V
VDC
Max. DC Blocking Voltage
50
100
200
400
600
V
IO
Max. Average Forward Output Rectified Current
@TL=50°C
1.0
A
Trr
Max. Recovery Time (Note 1)
200
ns
IFSM
Peak Forward Surge Current(Note 2)
30
A
VF
Max.
Instantaneous
Forward
Voltage
Drop
@IO=1A
1.3
V
TA=25°C
5.0
IR
Max. DC Reverse Current at
Rated DC Blocking Voltage
TA=100°C
250
uA
CJ
Typical Junction Capacitance (Note 3)
15
pF
RθJA
Max. Thermal Resistance
80
°C/W
TJ
Operating Temperature Range
-55 to +125
°C


Similar Part No. - MLL4936

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MLL4099 MICROSEMI-MLL4099 Datasheet
83Kb / 2P
LEADLESS GLASS ZENER DIODES
MLL4099 MICROSEMI-MLL4099 Datasheet
189Kb / 3P
GLASS SURFACE MOUNT 0.5 WATT ZENERS
MLL4099-1 MICROSEMI-MLL4099-1 Datasheet
189Kb / 3P
GLASS SURFACE MOUNT 0.5 WATT ZENERS
MLL4099C MICROSEMI-MLL4099C Datasheet
189Kb / 3P
GLASS SURFACE MOUNT 0.5 WATT ZENERS
MLL4099C-1 MICROSEMI-MLL4099C-1 Datasheet
189Kb / 3P
GLASS SURFACE MOUNT 0.5 WATT ZENERS
More results

Similar Description - MLL4936

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N4933G DIODES-1N4933G Datasheet
62Kb / 2P
1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27002 Rev. 7 - 2
PR1001G DIODES-PR1001G Datasheet
62Kb / 2P
1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27001 Rev. D1-2
PR1001G DIODES-PR1001G_1 Datasheet
195Kb / 3P
1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27001 Rev. 8 - 2
1N4933G DIODES-1N4933G_1 Datasheet
88Kb / 3P
1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27002 Rev. 6 - 2
logo
TAITRON Components Inco...
RL101FG TAITRON-RL101FG Datasheet
184Kb / 5P
1.0A Glass Passivated Fast Recovery Rectifier
logo
Diodes Incorporated
PR1001G DIODES-PR1001G_2 Datasheet
84Kb / 3P
1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27001 Rev. 9 - 2
1N4933G DIODES-1N4933G_2 Datasheet
85Kb / 3P
1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27002 Rev. 7 - 2
PR1007G-T DIODES-PR1007G-T Datasheet
84Kb / 3P
1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
Rev erse
PR1001G DIODES-PR1001G_15 Datasheet
162Kb / 4P
1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
Rev erse
1N4933G DIODES-1N4933G_15 Datasheet
85Kb / 3P
1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
Rev erse
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com