Electronic Components Datasheet Search
  English  ▼

X  

CC-0601 Datasheet(PDF) 3 Page - CUI INC

Part # CC-0601
Description  Magnetic buzzer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CC-0601 Datasheet(HTML) 3 Page - CUI INC

  CC-0601 Datasheet HTML 1Page - CUI INC CC-0601 Datasheet HTML 2Page - CUI INC CC-0601 Datasheet HTML 3Page - CUI INC CC-0601 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Part No: CC-0601
Description: magnetic buzzer
Phone: 800.275.4899
Fax: 503.612.2381
www.cui.com
20050 SW 112th Ave.
Tualatin, OR 97062
Date: 8/21/2006
Unit: mm
Page No: 3 of 4
Mechanical Characteristics
Item
Test Condition
Solderability
Lead terminals are immersed in rosin for 5
seconds and then immersed in a solder bath
of +270 ±5°C for 3 ±1 seconds.
Soldering Heat Resistance
Lead terminals are immersed in solder bath
of +260 ±5°C for 3 ±1 seconds.
Terminal Mechanical Strength
The force of 9.8 N (1.0 kg) should be applied
to the terminals.
Vibration
The buzzer will be measured after applying
a vibration amplitude of 1.5 mm with 10 to
55 Hz band of vibration frequency to each of
the 3 perpendicular directions for 2 hours
(6 hours total).
Drop Test
The part is to be dropped from a height of
75 cm onto a 40 mm thick wooden board 3
times in 3 axis (X, Y, Z) for a total of 9 drops.
Evaluation Standard
90% min. of lead terminals should
be covered with fresh solder.
(Except the edge of the terminal.)
No in interference in operation.
No damage or cutting off.
After the test, the part should
meet specifications without any
damage to the appearance and
the SPL should be within
±10 dBA of the initial
measurement.
Environment Test
Item
Test Condition
High temp. test
The part will be subjected to +70°C for
96 hours.
Low temp. test
The part will be subjected to -30°C for
96 hours
Thermal shock
The part will be subjected to 10 cycles. One
cycle will consist of:
Temp./Humidity cycle
The part shall be subjected to 10 cycles. One
cycle will be 24 hours and consist of:
Evaluation Standard
After the test, the part should
meet specifications without any
damage to the appearance or
performance except SPL. After 4
hours at 25°C, the SPL should be
within ±10 dBA of the initial
measurement.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com