Electronic Components Datasheet Search
  English  ▼

X  

F5C2E Datasheet(PDF) 1 Page - Fox Electronics

Part # F5C2E
Description  5.0V HCMOS TRI-STATE ENABLE/DISABLE OSCILLATORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

F5C2E Datasheet(HTML) 1 Page - Fox Electronics

  F5C2E Datasheet HTML 1Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FOX Electronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1(239) 693.0099 FAX +1 (239) 693.1554 http://www.foxonline.com
EMEA United Kingdom Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 FAX +852.2854.4282
© 2006 FOX ELECTRONICS | ISO9001:2000 Certified
5.0V HCMOS TRI-STATE ENABLE/DISABLE OSCILLATORS
MODEL: F5C-2E
FEATURES
• 5.0V Operationg
• HCMOS/TTL Output
• Tri-State Enable/Disable
• 14-Pin DIP
All dimensions are in millimeters.
Learn more about:
Part Marking Identification
Mechanical Specification
Internet required
OPTIONS
• 8-Pin DIP Available (H5C-2E)
Frequency
Stability1
±100PPM
±100PPM
±50PPM
±50PPM
±25PPM
±25PPM
±20PPM
Operating
Temperature (ºC)
0 ~ +70
-40 ~ +85
0 ~ +70
-40 ~ +85
0 ~ +70
-40 ~ +85
0 ~ +70
Frequency
Range (MHz)
1.000 ~ 160.000
1.000 ~ 160.000
1.000 ~ 160.000
1.000 ~ 160.000
1.000 ~ 160.000
1.000 ~ 125.000
1.000 ~ 125.000
F5C-2E
F5C-2ER
F6C-2E
F6C-2ER
F7C-2E
F7C-2ER
F8C-2E
Model
Number
• PART NUMBER SELECTION Learn More - Internet Required
Part Number
147-Frequency-xxxxx
326-Frequency-xxxxx
180-Frequency-xxxxx
181-Frequency-xxxxx
199-Frequency-xxxxx
330-Frequency-xxxxx
513-Frequency-xxxxx
1 Inclusive of 25ºC tolerance, operating temperature range, input voltage change, load change, aging,
shock, and vibration.
2 An internal pullup resistor from pin 1 to VDD allows active output if pin 1 is left open.
All specifications subject to change without notice. Rev. 6/1/04
1.000 ~ 160.000 MHz
-55ºC ~ +125ºC
5.0V ± 10%
40mA
60mA
100mA
45% ~ 55%
40% ~ 60%
10 nS
6 nS
10 nS
6 nS
10% Vdd
90% Vdd Min
16mA Min
-16mA Min
10TTL
50pF
10mS
100nS
PARAMETERS
Frequency Range
(Fo)
Storage Temperature Range (Tstg)
Supply Voltage
(Vdd)
Input Current
(Idd)
1.000 ~ 40.000 MHz
40.000+ ~ 125.000 MHz
125.000+ ~ 160.000 MHz
Output Symmetry (50% Vdd)
1.000 ~ 50.000 MHz
50.000+ ~ 160.000 MHz
Rise Time (10% ~ 90% Vdd) (Tr)
1.000 ~ 125.000 MHz
125.000+ ~ 160.000 MHz
Fall Time (90% ~ 10% Vdd) (Tf)
1.000 ~ 125.000 MHz
125.000+ ~ 160.000 MHz
Output Voltage
(Vol)
(Voh)
Output Current
(Iol)
(Ioh)
Output Load
TTL
HCMOS
Start-up Time
(Ts)
Output Enable/Disable Time 2
• ELECTRICAL CHARACTERISTICS
MAX (unless otherwise noted)
OUTPUT (Pin 8)
ACTIVE
ACTIVE
High Z
• ENABLE / DISABLE FUNCTION
INH (Pin 1)
OPEN 2
'1' Level Vih
≥ 2.2 V
'0' Level Vil
≤ 0.8 V
Discontinued


Similar Part No. - F5C2E

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F5C-2E3 FOX-F5C-2E3 Datasheet
169Kb / 1P
3.3V TRI-STATE ENABLE/DISABLE OSCILLATORS
F5C-2E3LF FOX-F5C-2E3LF Datasheet
176Kb / 1P
Tri-State Enable/Disable 3.3V Oscillator
F5C-2E3R FOX-F5C-2E3R Datasheet
169Kb / 1P
3.3V TRI-STATE ENABLE/DISABLE OSCILLATORS
F5C-2E3RLF FOX-F5C-2E3RLF Datasheet
176Kb / 1P
Tri-State Enable/Disable 3.3V Oscillator
F5C-2ELF FOX-F5C-2ELF Datasheet
152Kb / 1P
Tri-State Enable/Disable 5.0V Oscillator
More results

Similar Description - F5C2E

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F5C-2ELF FOX-F5C-2ELF Datasheet
152Kb / 1P
Tri-State Enable/Disable 5.0V Oscillator
F5C-2E3LF FOX-F5C-2E3LF Datasheet
176Kb / 1P
Tri-State Enable/Disable 3.3V Oscillator
F5C-2E3 FOX-F5C-2E3 Datasheet
169Kb / 1P
3.3V TRI-STATE ENABLE/DISABLE OSCILLATORS
H5C-2E FOX-H5C-2E Datasheet
66Kb / 1P
5.0V HCMOS TRI-STATE ENABLE/DISABLE OSCILLATORS
H5C-2E3 FOX-H5C-2E3 Datasheet
60Kb / 1P
3.3V TRI-STATE ENABLE/DISABLE OSCILLATORS
H5C-2E3LF FOX-H5C-2E3LF Datasheet
168Kb / 1P
Tri-State Enable/Disable 3.3V Oscillator
H5C-2ELF FOX-H5C-2ELF Datasheet
160Kb / 1P
Tri-State Enable/Disable 5.0V Oscillator
logo
Connor-Winfield Corpora...
TFLD646E CONNOR-WINFIELD-TFLD646E Datasheet
135Kb / 2P
3.3V SURFACE MOUNT HCMOS TCXO WITH TRI-STATE ENABLE / DISABLE
logo
Wolfgang Knap
NFB WK-NFB Datasheet
70Kb / 1P
14-PIN DIP TRI-STATE ENABLE/DISABLE OSCILLATORS
NHB WK-NHB Datasheet
35Kb / 1P
8-PIN DIP TRI-STATE ENABLE/DISABLE OSCILLATORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com