Electronic Components Datasheet Search
  English  ▼

X  

FSO-2LF Datasheet(PDF) 1 Page - Fox Electronics

Part # FSO-2LF
Description  5.0V/3.0V Plastic HCMOS/TTL Oscillator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FSO-2LF Datasheet(HTML) 1 Page - Fox Electronics

  FSO-2LF Datasheet HTML 1Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Discontinued
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com
EMEA Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282 | Taiwan Tel: +886.2.22073427 Fax +886.2.22073486
| Japan Tel: +81.3.3374/2079 Fax: +81.3.3374.5221
© 2006 FOX ELECTRONICS | ISO9001:2000 Certified
FSO-2LF 3
FSO-2RLF
FSO-25LF
FSO-3LF 3
FSO-3RLF
FSO-35LF
1 Inclusive of 25ºC tolerance, operating temperature range, input voltage change, aging, and load
change.
2 An internal pullup resistor from pin 1 to pin 4 allows active output if pin 1 is left open.
3 The FSO-2LF and FSO-3LF models will also operate over -40ºC ~ +85ºC, but with a
stability of ±200 PPM.
Note: A 0.01µF bypass capacitor should be placed between VDD (Pin 4) and GND (Pin 2) to
minimize power supply line noise.
All specifications subject to change without notice.
Frequency
Stability1
±100PPM
±100PPM
±50PPM
±100PPM
±100PPM
±50PPM
Operating
Temperature (ºC)
-20 ~ +70
-40 ~ +85
-20 ~ +70
-20 ~ +70
-40 ~ +85
-20 ~ +70
Frequency
Range (MHz)
1.000 ~ 66.6667
1.000 ~ 66.6667
1.000 ~ 66.6667
1.000 ~ 66.6667
1.000 ~ 66.6667
1.000 ~ 66.6667
Model
Number
5.0 ± 0.5
3.3 ± 0.3
Vdd (V)
FEATURES
•
5.0V / 3.3V Operation
• HCMOS/TTL Output
• Tri-State Enable/Disable
• Extended Temperature Range
• Tape and Reel (1,000 pcs. STD)
OUTPUT (Pin 3)
ACTIVE
ACTIVE
High Z
• EnAblE / DiSAblE FUncTiOn
INH (Pin 1)
OPEN 2
'1' Level Vih
≥ 2.4 V
'0' Level Vil
≤ 0.6 V
1.000 ~ 66.6667 MHz
PARAMETERS
Frequency Range
(Fo)
Input Current
(Idd)
1.000 ~ 30.000 MHz
30.000+ ~ 66.6667 MHz
Output Symmetry (50% Vdd)
Rise Time (20% ~ 80% Vdd) (Tr)
1.000 ~ 30.000 MHz
30.000+ ~ 66.6667 MHz
Fall Time (80% ~ 20% Vdd)
(Tf)
1.000 ~ 30.000 MHz
30.000+ ~ 66.6667 MHz
Output Voltage
(Vol)
(Voh)
Output Current
(Iol)
(Ioh)
Output Load
(TTL)
(HCMOS)
Start-up Time
(Ts)
1.000 ~ 30.000 MHz
30.000+ ~ 66.6667 MHz
Enable/Disable Time 2
• ElEcTRicAl cHARAcTERiSTicS
FSO-2LF Series FSO-3LF Series
23mA
35mA
9mA
20mA
40% ~ 60%
8nS
7nS
8nS
7nS
0.4V
4.6V Min
16mA Min
-16mA Min
10TTL
50pF
6nS
6nS
6nS
6nS
0.4V
2.9V Min
4mA Min
-4mA Min
---
30pF
4mS
10mS
100nS
All dimensions are in millimeters.
MAX (unless otherwise noted)
learn more about:
Part Marking Identification
Tape and Reel Specification
Mechanical Specification
internet required
Part Number
259LF-Freq-xxxxx
547LF-Freq-xxxxx
432LF-Freq-xxxxx
433LF-Freq-xxxxx
543LF-Freq-xxxxx
434LF-Freq-xxxxx
• PART nUMbER SElEcTiOn Learn More - Internet Required
5.0V/3.0V Plastic HCMOS/TTL Oscillator
Rev. 9/18/2006
RoHS compliant / Pb Free
Model: FSOlF Series
http://www.foxonline.com/need_a_sample.htm


Similar Part No. - FSO-2LF

ManufacturerPart #DatasheetDescription
logo
SOVICO corp.
FSO-20T SOVICO-FSO-20T Datasheet
203Kb / 1P
FASHION SPEAKER
logo
Kyocera Kinseki Corpota...
FSO-2D KSS-FSO-2D Datasheet
51Kb / 1P
C-MOS Output 3.3V.
More results

Similar Description - FSO-2LF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F3345 ETC2-F3345 Datasheet
107Kb / 1P
5.0V HCMOS SMD OSCILLATOR
logo
Fox Electronics
F3345 FOX-F3345 Datasheet
204Kb / 2P
5.0V, HCMOS, SMD Oscillator
F1100ELF FOX-F1100ELF Datasheet
145Kb / 1P
TTL 5.0V Oscillator
logo
List of Unclassifed Man...
OEH3 ETC2-OEH3 Datasheet
35Kb / 1P
Plastic Surface Mount / HCMOS/TTL Oscillator
OAH3 ETC2-OAH3 Datasheet
75Kb / 1P
HCMOS/TTL Oscillator
logo
Fox Electronics
KFO FOX-KFO Datasheet
249Kb / 1P
5.0V PLASTIC HCMOS/TTL SMD OSCILLATOR
logo
Connor-Winfield Corpora...
HC61R8R CONNOR-WINFIELD-HC61R8R Datasheet
204Kb / 2P
5.0V HCMOS/TTL COMPATIBLE14 PIN DIP CRYSTAL CLOCK OSCILLATOR
S13R8 CONNOR-WINFIELD-S13R8 Datasheet
133Kb / 1P
5.0V HCMOS/TTL COMPATIBLE14 PIN DIP CRYSTAL CLOCK OSCILLATOR
logo
Caliber Electronics Inc...
OAH CALIBER-OAH Datasheet
80Kb / 1P
HCMOS/TTL Oscillator
OEH CALIBER-OEH Datasheet
40Kb / 1P
Plastic Surface Mount / HCMOS/TTL Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com