Electronic Components Datasheet Search
  English  ▼

X  

FOX759 Datasheet(PDF) 1 Page - Fox Electronics

Part # FOX759
Description  TCXO SMD TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FOX759 Datasheet(HTML) 1 Page - Fox Electronics

  FOX759 Datasheet HTML 1Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Discontinued
77
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 941-693-0099 FAX 941-693-1554 http://www.foxonline.com
© 2000 FOX ELECTRONICS
The FOX759 provide a small 0.4 cm3 volume and an extended
temperature range. With an optional 3.0V supply voltage, this part
is exceptional for portable transmission and communication
equipment.
FEATURES
• Miniature Size
• Tight Stability
• Wide Temperature Range
• 3V Supply Voltage - B Version
• VCTCXO - E Version 5V
• VCTCXO - BE Version 3V
TCXO SMD TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
FOX759
APPLICATIONS
• Cellular Phones
• Cordless Phones
• Communications Equipment
• Portable Instrumentation
• Aerospace
* For proper operation, a control voltage (Vc) must be applied to pin 1 on VCTCXOs.
All specifications subject to change without notice. Rev. 11/09/01
All dimensions are in millimeters.
PARAMETERS
Frequency Range
(Fo)
Initial Frequency Tolerance at 25ºC
Vc = 2.5V(E Version)*
Vc = 1.5V(BE Version)*
Frequency Stability
Over Temperature Range
Over Supply Voltage Change (VDD ± 5%)
Over Load Change 10kW ±10%, 10pF ± 10%
Temperature Range
Operating Temperature
(TOPR)
Storage Temperature
(TSTG)
Supply Voltage
(VDD)
"A/E" version
"B/BE" version
Output Waveform
(Clipped Sine)
Peak-to Peak Level
(Vp-p)
Input Current
(IDD)
Frequency Adjustment
(Internal Trimmer)
Pullability VCTCXO*
E version (Vc = 2.5V ± 2.0V)
BE version (Vc = 1.5V ± 1.0V)
Aging
(per year at 25°C)
• ELECTRICAL CHARACTERISTICS
MIN
9.600
-1.0
-2.5
-0.3
-0.3
-30
-35
+4.75
+2.85
1.0
±3.0
±5.0
±1.0
MAX
20.000
+1.0
+2.5
+0.3
+0.3
+75
+80
+5.25
+3.15
2.0
±10.0
+1.0
UNITS
MHz
PPM
PPM
ºC
V
V
mA
PPM
PPM
PPM
See page 74 for tape and reel specifications.


Similar Part No. - FOX759

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FOX751 FOX-FOX751 Datasheet
487Kb / 1P
SMD HCMOS TCXO
FOX751C FOX-FOX751C Datasheet
487Kb / 1P
SMD HCMOS TCXO
FOX751D FOX-FOX751D Datasheet
487Kb / 1P
SMD HCMOS TCXO
FOX751G FOX-FOX751G Datasheet
487Kb / 1P
SMD HCMOS TCXO
More results

Similar Description - FOX759

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TC400 VECTRON-TC400 Datasheet
102Kb / 2P
Temperature Compensated Crystal Oscillators (TCXO?셲)
logo
MTRONPTI
MTCO25A MTRONPTI-MTCO25A Datasheet
59Kb / 1P
Surface Mount Temperature Compensated Crystal Oscillators (TCXO)
logo
Fox Electronics
FOX729 FOX-FOX729 Datasheet
219Kb / 1P
TCXO SMD TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
logo
Kyocera Kinseki Corpota...
KT2520F26000ACW18TXX KSS-KT2520F26000ACW18TXX Datasheet
224Kb / 1P
Temperature Compensated Crystal Oscillators (TCXO)
logo
Nel Frequency Controls,...
AN-XA32CXXX-X NEL-AN-XA32CXXX-X Datasheet
161Kb / 3P
temperature compensated crystal oscillators (TCXO/VCTCXO)
AN-XC2XXXX-X NEL-AN-XC2XXXX-X Datasheet
162Kb / 3P
temperature compensated crystal oscillators (TCXO/VCTCXO)
logo
TEMEX
IT2100F TEMEX-IT2100F Datasheet
606Kb / 7P
SMD Temperature Compensated Crystal Oscillators
IT2100H TEMEX-IT2100H Datasheet
594Kb / 7P
SMD Temperature Compensated Crystal Oscillators
IT3200C TEMEX-IT3200C Datasheet
599Kb / 7P
SMD Temperature Compensated Crystal Oscillators
IT3200F TEMEX-IT3200F Datasheet
570Kb / 7P
SMD Temperature Compensated Crystal Oscillators
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com