Electronic Components Datasheet Search
  English  ▼

X  

RGF2A Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # RGF2A
Description  2.0A Sintered Glass Passivated Fast Recovery Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

RGF2A Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  RGF2A Datasheet HTML 1Page - TAITRON Components Incorporated RGF2A Datasheet HTML 2Page - TAITRON Components Incorporated RGF2A Datasheet HTML 3Page - TAITRON Components Incorporated RGF2A Datasheet HTML 4Page - TAITRON Components Incorporated RGF2A Datasheet HTML 5Page - TAITRON Components Incorporated RGF2A Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Rev. B/AH 2008-01-16
www.taitroncomponents.com
Page 2 of 6
RGF2A – RGF2MA
2.0A Sintered Glass Passivated Fast Recovery Rectifier
Fig.2- Maximum Non-Repetitive Forward Surge Current
Number of Cycles at 60Hz
Symbol
Description
RGF
2A
RGF
2B
RGF
2D
RGF
2G
RGF
2J
RGF
2JA
RGF
2K
RGF
2KA
RGF
2M
RGF
2MA
Unit
Conditions
RthJA
55
RthJL
Typical Thermal
Resistance
18
°C / W
Note 2
CJ
Typical Junction
Capacitance
35
pF
VR=4V,
f=1MHz
TJ,TSTG
Operating Junction and
Storage Temperature
Range
-65 to +175
° C
Note: 1. 8.3ms single half sine-wave superimposed on rated load (JEDEC Method)
2. Thermal resistance from junction to ambient and from junction to lead P.C.B mounted on
0.2 × 0.2” (5.0 × 5.0mm) copper pad areas.
Typical Characteristics Curves
Fig.1- Forward Current Derating Curve
Lead Temperature (°C)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com