Electronic Components Datasheet Search
  English  ▼

X  

RGL41B Datasheet(PDF) 3 Page - TAITRON Components Incorporated

Part # RGL41B
Description  1.0A Surface Mount Fast Recovery Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

RGL41B Datasheet(HTML) 3 Page - TAITRON Components Incorporated

  RGL41B Datasheet HTML 1Page - TAITRON Components Incorporated RGL41B Datasheet HTML 2Page - TAITRON Components Incorporated RGL41B Datasheet HTML 3Page - TAITRON Components Incorporated RGL41B Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1.0A Surface Mount Fast Recovery Rectifier
Rev. A/AH 2007-08-24
RGL41A-RGL41M
www.taitroncomponents.com
Page 3 of 4
Fig. 3 Peak Fwd Surge Current
Fig. 4 Peak Forward Surge Current
NUMBER OF CYCLES AT 60 Hz
VF INSTANTANEOUS FORWARD VOLTAGE (V)
Dimensions in inch (mm)
MELF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com