Electronic Components Datasheet Search
  English  ▼

X  

RGL41J Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # RGL41J
Description  1.0A Surface Mount Fast Recovery Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

RGL41J Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  RGL41J Datasheet HTML 1Page - TAITRON Components Incorporated RGL41J Datasheet HTML 2Page - TAITRON Components Incorporated RGL41J Datasheet HTML 3Page - TAITRON Components Incorporated RGL41J Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. A/AH 2007-08-24
RGL41A-RGL41M
1.0A SURFACE MOUNT
FAST RECOVERY RECTIFIER
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel: (800)-247-2232
(800)-TAITRON
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
1.0A Surface Mount Fast Recovery Rectifier
Features
• Glass passivated junction
• Plastic package has underwriters laboratory
flammability classification 94V-0
• High temperature soldering: 250 °C / 10 seconds at terminals
• RoHS compliant
Mechanical Data
Case:
Molded plastic body
Terminals:
Solder plated solderable per MIL-STD-750, Method 2026
Polarity:
cathode end indicated by color band
Weight:
0.15 grams
Maximum Ratings (T
Ambient=25ºC unless noted)
Note: Single phase half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
Description
RGL
41A
RGL
41B
RGL
41D
RGL
41G
RGL
41J
RGL
41K
RGL
41M
Unit
Conditions
VRRM
Maximum Recurrent
Peak Reverse
Voltage
50
100
200
400
600
800
1000
V
VRMS
Maximum RMS
Voltage
35
70
140
280
420
560
700
V
VDC
Maximum DC
Blocking Voltage
50
100
200
400
600
800
1000
V
IAV
Maximum Average
Forward Rectified
Current
1.0
A
TL=50°C
IFSM
Peak Forward Surge
Current
30
A
8.3ms single half sine-
wave superimposed on
rated load (JEDEC
method)
MELF


Similar Part No. - RGL41J

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
RGL41J FCI-RGL41J Datasheet
157Kb / 2P
1.0 Amp FAST SWITCHING MEGARECTIFIERS
logo
Vishay Siliconix
RGL41J VISHAY-RGL41J Datasheet
86Kb / 5P
Surface Mount Glass Passivated Junction Fast Switching Rectifier
15-Mar-11
logo
Shenzhen Luguang Electr...
RGL41J LUGUANG-RGL41J Datasheet
191Kb / 2P
Surface Mount Rectifiers
logo
Vishay Siliconix
RGL41J-E3/96 VISHAY-RGL41J-E3/96 Datasheet
97Kb / 4P
Surface Mount Glass Passivated Junction Fast Switching Rectifier
26-Jun-06
RGL41J-E3/96 VISHAY-RGL41J-E3/96 Datasheet
111Kb / 5P
Surface Mount Glass Passivated Junction Fast Switching Rectifier
11-Apr-08
More results

Similar Description - RGL41J

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
SMA4933 TAITRON-SMA4933 Datasheet
258Kb / 5P
1.0A Surface Mount Fast Recovery Rectifier
logo
Daya Electric Group Co....
RS1A DAYA-RS1A Datasheet
52Kb / 2P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Gaomi Xinghe Electronic...
RS1M GXELECTRONICS-RS1M Datasheet
190Kb / 2P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
RS1B-13-F DIODES-RS1B-13-F Datasheet
122Kb / 4P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev 13
RS1DB-13-F DIODES-RS1DB-13-F Datasheet
122Kb / 4P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev 13
RS1D-13-F DIODES-RS1D-13-F Datasheet
122Kb / 4P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev 13
RS1GB-13 DIODES-RS1GB-13 Datasheet
122Kb / 4P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev 13
RS1K-13-F DIODES-RS1K-13-F Datasheet
187Kb / 5P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev 14
DFLF1800 DIODES-DFLF1800_15 Datasheet
337Kb / 5P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev 3
RS1MSWFQ DIODES-RS1MSWFQ Datasheet
449Kb / 5P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev erse
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com