Electronic Components Datasheet Search
  English  ▼

X  

FEG Datasheet(PDF) 1 Page - Fox Electronics

Part # FEG
Description  Glass Seal SMD Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FEG Datasheet(HTML) 1 Page - Fox Electronics

  FEG Datasheet HTML 1Page - Fox Electronics FEG Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com
EMEA Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282 | Taiwan Tel: +886.2.22073427 Fax +886.2.22073486
| Japan Tel: +81.3.3374/2079 Fax: +81.3.3374.5221
© 2007 FOX ELECTRONICS | ISO9001:2000 Certified
Glass Seal SMD Crystal
Rev. 12/5/2007
RoHS Compliant
http://www.foxonline.com/need_a_sample.htm
Model: FEG Series
Page 1 of 2
1
Other stabilities & operating temperature ranges available.
Note: Dimensional drawing is for reference to critical specifications defined by size measure-
ments. Certain non-critical visual attributes, such as side castellations, reference pin shape, etc.
may vary.
The above specifiactions, having been carefully prepared and checked, is believed to be ac-
curate at the time of publication: however, no responsibility is assumed by Fox Electronics for
inaccuracies.
7.3728 ~ 80.000
FEG
Model Number
Part Number
511-Frequency-xxxxx
• PART NUMBER Learn More - Internet Required
All dimensions are in millimeters.
Frequency Range (MHz)
7.3728 ~ 10.000
10.000+ ~ 12.000
12.000+ ~ 37.500
37.500+ ~ 80.000
Frequency Range
(MHz)
Fundamental
Fundamental
Fundamental
3rd OT
110
80
50
70
Operating Mode
Max ESR
Ω
PARAMETERS
Frequency Range
(Fo)
Frequency Tolerance @ 25ºC
Frequency Stability, ref @ 25ºC
Over Operating Temp Range
Temperature Range
Operating
(TOPR)
Storage
(TSTG)
Shunt Capacitance
(Co)
Load Capacitance
(CL)
Drive Level
Aging per year
Maximum Soldering Temp / Time
Moisture Sensitivity Level (MSL)
Termination Finish
7.3728 ~ 80.000 MHz
±50 PPM 1
±50 PPM 1
10ºC ~ +70ºC 1
-40ºC ~ +85ºC
7 pF
10 pF ~ Series
(Customer Specified)
0.1 mW
±5 PPM
260ºC / 10 Seconds
1
Au
• STANDARD SPECIFICATIONS1
MAX (unless otherwise noted)
M arking Area
Solder Pad Layout
Recom m ended
3
2.5
6.5
8 ±0.3
4.5 ±0.3
2.0 M ax
1.5
2.0
5


Similar Part No. - FEG

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FEGFM105 FORMOSA-FEGFM105 Datasheet
59Kb / 7P
Chip Fast Efficient Rectifiers
FEGFM105-M FORMOSA-FEGFM105-M Datasheet
59Kb / 7P
Chip Fast Efficient Rectifiers
FEGFM105-MH1 FORMOSA-FEGFM105-MH1 Datasheet
58Kb / 7P
Chip Fast Efficient Rectifiers
FEGFM105-MS FORMOSA-FEGFM105-MS Datasheet
59Kb / 7P
SMD Fast Efficient Rectifiers
FEGFM105-S FORMOSA-FEGFM105-S Datasheet
59Kb / 7P
Chip Fast Efficient Rectifiers
More results

Similar Description - FEG

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FQAG FOX-FQAG Datasheet
186Kb / 2P
Ceramic SMD Glass Seal Crystal
FX532AG FOX-FX532AG Datasheet
217Kb / 2P
Ceramic SMD Glass Seal Crystal
FX532_G FOX-FX532_G Datasheet
188Kb / 2P
Ceramic SMD Glass Seal Crystal
logo
Golledge Electronics Lt...
GSX-532A GOLLEDGE-GSX-532A Datasheet
566Kb / 4P
Two Pad SM Crystal with Glass Seal
GSX-532B GOLLEDGE-GSX-532B Datasheet
568Kb / 4P
Four Pad SM Crystal with Glass Seal
logo
TAITIEN ELECTRONICS CO....
AT-0007-XQ TAITIEN-AT-0007-XQ Datasheet
243Kb / 1P
8.0 x 4.5 mm Glass Seal SMD Crystal
AT-0013-XS TAITIEN-AT-0013-XS Datasheet
241Kb / 1P
5.0 x 3.2 mm Glass Seal SMD Crystal
AT-0018-X2 TAITIEN-AT-0018-X2 Datasheet
233Kb / 1P
3.2 x 2.5 mm Glass Seal SMD Crystal
logo
Suzhou HangJing Electro...
XC53G2 HANGJING-XC53G2 Datasheet
320Kb / 1P
QUARTZ CRYSTAL UNIT IN SMD 5.0X3.2MM GLASS SEAL PACKAGE
XC63G2 HANGJING-XC63G2 Datasheet
327Kb / 1P
QUARTZ CRYSTAL UNIT IN SMD 6.0X3.5MM GLASS SEAL PACKAGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com