Electronic Components Datasheet Search
  English  ▼

X  

F5100 Datasheet(PDF) 1 Page - Fox Electronics

Part # F5100
Description  VCXO 3.3V SMD/VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

F5100 Datasheet(HTML) 1 Page - Fox Electronics

  F5100 Datasheet HTML 1Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
67
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 941-693-0099 FAX 941-693-1554 http://www.foxonline.com
© 2000 FOX ELECTRONICS
The F5100 is similar to the F5000 VCXO except the supply voltage
is 3.3 Volts. This package also gives the frequency control features
of a VCXO in a smaller, ceramic surface mount package. Frequency
can be pulled up to ±80PPM by varying a control voltage of 1.65 V
applied to pin 1 by up to ±1.5 V.
FEATURES
• 3.3V Operation
• HCMOS/TTL Output
• Pullability
• Smaller Package than Traditional, Thru-Hole VCXO's
• Low Power Consumption
• Tri-State Enable/Disable
• -40 ~ +85ºC Option (F5100R)
*
Inclusive of 25ºC tolerance, operating temperature range, input voltage change, load change, aging, and Vc = 1.65V.
*** An internal pullup resistor from Pin 2 to Pin 6 allows active output if Pin 2 is left open.
All specifications subject to change without notice. Rev. 03/02/00
VCXO 3.3V SMD / VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
F5100
OUTPUT (Pin 4)
ACTIVE
ACTIVE
High Z
• ENABLE/DISABLE FUNCTION **
INH (Pin 2)
OPEN ***
'1' Level VIH ³ 2.2 V
'0' Level VIL £ 0.80 V
UNITS
MHz
PPM
ºC
V
V
PPM
mA
%
nS
V
mA
pF
mS
nS
dBc/Hz
PPM
%
kHz
MAX
30.000
+50
+70
+85
+3.6
+3.15
20
60
10
10
0.33
3.2
-0.1
15
10
100
+3.0
+10
MIN
2.000
-50
-10
-30
+3.0
+0.15
±80
40
2.97
-125
-130
-3.0
-10
20
PARAMETERS
Frequency Range (Fo)
Frequency Stability
Temperature Range
Operating
(TOPR)
Storage
(TSTG)
Supply Voltage
(VDD)
Control Voltage
(Vc)
Pullability
Input Current
(IDD)
Output Symmetry
Rise Time
(TR)
Fall Time
(TF)
Output Voltage
(VOL)
(VOH)
Output Current
(IOL)
(IOH)
Output Load
Start-up Time
(TS)
Enable/Disable Time **
Phase Noise
Frequency
Stability vs Voltage
Linearity
Modulation Bandwidth
• ELECTRICAL CHARACTERISTICS (VDD = 3.3V, CL = 15pF)
CONDITIONS
All Conditions *
Vc = 1.65 ±1.5V
1.65V
0.33V ~ 2.97V
2.97V ~ 0.33V
IOL = 3.2 mA
IOH = -0.1 mA
VOL = 0.33V
VOH = 2.97V
HCMOS Load
Fo +1 kHz
Fo + 10 kHz
FREQUENCY RANGE
2.000 ~ 30.000
2.000 ~ 30.000
2.000 ~ 30.000
2.000 ~ 30.000
2.000 ~ 30.000
2.000 ~ 30.000
2.000 ~ 30.000
2.000 ~ 30.000
2.000 ~ 30.000
2.000 ~ 30.000
2.000 ~ 30.000
2.000 ~ 30.000
2.000 ~ 30.000
2.000 ~ 30.000
All dimensions are in millimeters.
See page 74 for tape and reel specifications.


Similar Part No. - F5100

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
F510 IRCTT-F510 Datasheet
209Kb / 2P
U.L. Approved Dual Function Fuse Resistors
logo
TT Electronics.
F510 TTELEC-F510 Datasheet
347Kb / 2P
Dual Function Fuse Resistors
logo
Integrated Technology F...
F5104 ITF-F5104 Datasheet
319Kb / 7P
SAW Bandpass Filter
2004-11-01
logo
Fox Electronics
F510L FOX-F510L Datasheet
380Kb / 2P
HCMOS 5x3.2mm 1.8V SMD Oscillator
F510LR FOX-F510LR Datasheet
380Kb / 2P
HCMOS 5x3.2mm 1.8V SMD Oscillator
More results

Similar Description - F5100

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VT73227 VAISH-VT73227 Datasheet
67Kb / 3P
VCXO (Voltage-Controlled Crystal Oscillator) 27 MHz 3.3V
VT83027 VAISH-VT83027 Datasheet
70Kb / 3P
27MHz, 3.3V VCXO (Voltage-Controlled Crystal Oscillator)
logo
Fox Electronics
F5000 FOX-F5000 Datasheet
218Kb / 1P
VCXO SMD/VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
logo
NIHON DEMPA KOGYO
7311D NDK-7311D Datasheet
77Kb / 1P
Voltage-Controlled Crystal Oscillator (VCXO)
7311E NDK-7311E Datasheet
79Kb / 1P
Voltage-Controlled Crystal Oscillator (VCXO)
7311F NDK-7311F Datasheet
78Kb / 1P
Voltage-Controlled Crystal Oscillator (VCXO)
NV5032SA NDK-NV5032SA Datasheet
78Kb / 1P
Voltage-Controlled Crystal Oscillator (VCXO)
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
NV5032SB NDK-NV5032SB Datasheet
309Kb / 1P
Voltage Controlled Crystal Oscillator (VCXO)
NV7050SA NDK-NV7050SA_15 Datasheet
287Kb / 1P
Voltage Controlled Crystal Oscillator (VCXO)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com