Electronic Components Datasheet Search
  English  ▼

X  

F4715 Datasheet(PDF) 1 Page - Fox Electronics

Part # F4715
Description  LVDS 7x5mm 2.5V Oscillator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

F4715 Datasheet(HTML) 1 Page - Fox Electronics

  F4715 Datasheet HTML 1Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
73
FOX Electronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1(239) 693.0099 FAX +1 (239) 693.1554 http://www.foxonline.com
EMEA United Kingdom Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 FAX +852.2854.4282
© 2006 FOX ELECTRONICS | ISO9001:2000 Certified
FEATURES
•
2.5V Operation
• LVDS Output
• Differential Outputs
• Standby Function
• Tape and Reel (2,000 pcs. STD)
OUTPUT (Pin 4)
ACTIVE
ACTIVE
High Z
• EnAblE / DiSAblE FUncTiOn
(Pin 1)
OPEN 3
'1' Level Vih
≥ 70% Vdd
'0' Level Vil
≤ 30% Vdd
All dimensions are in millimeters.
OUTPUT (Pin 5)
ACTIVE
ACTIVE
High Z
learn more about:
Part Marking Identification
Tape and Reel Specification
Mechanical Specification
internet required
1 Inclusive operating temperature range, input voltage change, load change, aging,
shock, and vibration. (*F4716R, F4718R: Excludes Shock/Vibration)
2 Frequencies up to 250 MHz are available on an inquiry basis.
3 An internal pullup resistor from pin 1 to pin 6 allows active output if pin 1 is left open.
Note: A 0.01µF bypass capacitor should be placed between
Vdd (Pin 6) and GND (Pin 3) to
minimize power supply line noise.
All specifications subject to change without notice.
PARAMETERS
Frequency Range
(Fo)
Storage Temperature Range (Tstg)
Supply Voltage
(Vdd)
Input Current
(Idd)
Differential Output Voltage
(Vod) (Out 1 - Out 2)
Offset Voltage (Vos)
Differential Output Swing (Vop-p)
Output Symmetry (Output Crossing Point)
Rise Time (Tr) (20% ~ 80% Vdd)
Fall Time (Tf) (80% ~ 20% Vdd)
Output Load (Out 1 - Out 2)
Standby Current
Start-up Time
(Ts)
Output Disable Time 3
Output Enable Time 3
80.000 ~ 250.000 MHz
-55ºC ~ +125ºC
2.5V ± 5%
63mA
0.247V ~ 0.454V
(0.33V Typical)
1.125V ~ 1.375V
(1.25V Typical)
0.25Vp-p Min
45% ~ 55%
0.7nS
0.7nS
100 Ohms Typical
30µA
10mS
200nS
10mS
• ElEcTRicAl cHARAcTERiSTicS
MAX (unless otherwise noted)
Frequency
Stability1
±100PPM
±100PPM
±50PPM
±50PPM
±25PPM
±25PPM*
±20PPM*
Operating
Temperature (ºC)
-10 ~ +70
-40 ~ +85
-10 ~ +70
-40 ~ +85
-10 ~ +70
-40 ~ +85
-10 ~ +70
Frequency
Range (MHz)2
80.000 ~ 170.000
80.000 ~ 170.000
80.000 ~ 170.000
80.000 ~ 170.000
80.000 ~ 170.000
80.000 ~ 170.000
80.000 ~ 170.000
F4710
F4710R
F4715
F4715R
F4716
F4716R
F4718
Model
Number
Part Number
710-Frequency-xxxxx
711-Frequency-xxxxx
712-Frequency-xxxxx
713-Frequency-xxxxx
714-Frequency-xxxxx
715-Frequency-xxxxx
716-Frequency-xxxxx
• PART nUMbER SElEcTiOn Learn More - Internet Required
Rev. 1/6/2006
LVDS 7x5mm 2.5V Oscillator
Rev. 1/6/2006
RoHS compliant / Pb Free
F4710 SERiES


Similar Part No. - F4715

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F471K25S3NN63J0R VISHAY-F471K25S3NN63J0R Datasheet
112Kb / 7P
Ceramic Disc Capacitors, Class 1, Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC, and 3 kVDC
07-Oct-16
F471K25S3NN63J5R VISHAY-F471K25S3NN63J5R Datasheet
112Kb / 7P
Ceramic Disc Capacitors, Class 1, Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC, and 3 kVDC
07-Oct-16
F471K25S3NN63J6R VISHAY-F471K25S3NN63J6R Datasheet
112Kb / 7P
Ceramic Disc Capacitors, Class 1, Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC, and 3 kVDC
07-Oct-16
F471K25S3NN63J7R VISHAY-F471K25S3NN63J7R Datasheet
112Kb / 7P
Ceramic Disc Capacitors, Class 1, Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC, and 3 kVDC
07-Oct-16
F471K25S3NN63K0R VISHAY-F471K25S3NN63K0R Datasheet
112Kb / 7P
Ceramic Disc Capacitors, Class 1, Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC, and 3 kVDC
07-Oct-16
More results

Similar Description - F4715

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F4700 FOX-F4700 Datasheet
78Kb / 1P
LVDS 7x5mm 3.3V Oscillator
logo
EUROQUARTZ limited
EQVP-LC72 EUROQUARTZ-EQVP-LC72 Datasheet
166Kb / 1P
LVDS 7x5mm 2.5V VCXO
EQXP-HC72 EUROQUARTZ-EQXP-HC72 Datasheet
164Kb / 1P
HCMOS 7x5mm 2.5V OSCILLATOR
EQXP-LC72 EUROQUARTZ-EQXP-LC72 Datasheet
164Kb / 1P
LVDS 7x5mm 2.5V OSCILLATOR
EQXP-LC73 EUROQUARTZ-EQXP-LC73 Datasheet
164Kb / 1P
LVDS 7x5mm 3.3V OSCILLATOR
EQXP-PC72 EUROQUARTZ-EQXP-PC72 Datasheet
164Kb / 1P
LVPECL 7x5mm 2.5V OSCILLATOR
logo
Fox Electronics
F4620 FOX-F4620 Datasheet
222Kb / 2P
LVE-PECL 7x5mm 2.5V Oscillator
logo
Golledge Electronics Lt...
GXO-L72 GOLLEDGE-GXO-L72_16 Datasheet
197Kb / 2P
2.5V & 3.3V LVDS Oscillator
GXO-U109J GOLLEDGE-GXO-U109J Datasheet
565Kb / 4P
2.5V 7x5mm Oscillator with Power Saving
logo
Fox Electronics
O7LS FOX-O7LS Datasheet
229Kb / 3P
7x5mm LVDS Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com