Electronic Components Datasheet Search
  English  ▼

X  

F4705 Datasheet(PDF) 1 Page - Fox Electronics

Part # F4705
Description  LVDS 7x5mm 3.3V Oscillator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

F4705 Datasheet(HTML) 1 Page - Fox Electronics

  F4705 Datasheet HTML 1Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
72
FEATURES
•
3.3V Operation
• LVDS Output
• Differential Outputs
• Standby Function
• Tape and Reel (2,000 pcs. STD)
OUTPUT (Pin 4)
ACTIVE
ACTIVE
High Z
• ENABLE / DISABLE FUNCTION
(Pin 1)
OPEN 3
'1' Level VIH
≥ 70% VDD
'0' Level VIL
≤ 30% VDD
All dimensions are in millimeters.
OUTPUT (Pin 5)
ACTIVE
ACTIVE
High Z
Learn more about:
Part Marking Identification
Tape and Reel Specification
Mechanical Specification
Internet required
1 Inclusive of operating temperature range, input voltage change, load change, aging,
shock, and vibration. (*F4706R, F4708R: Excludes Shock/Vibration)
2 Frequencies up to 250 MHz are available on an inquiry basis.
3 An internal pullup resistor from pin 1 to pin 6 allows active output if pin 1 is left open.
Note: A 0.01µF bypass capacitor should be placed between
VDD (Pin 6) and GND (Pin 3) to
minimize power supply line noise.
All specifications subject to change without notice.
Frequency
Stability1
±100PPM
±100PPM
±50PPM
±50PPM
±25PPM
±25PPM*
±20PPM*
Operating
Temperature (ºC)
-10 ~ +70
-40 ~ +85
-10 ~ +70
-40 ~ +85
-10 ~ +70
-40 ~ +85
-10 ~ +70
Frequency
Range (MHz)2
80.000 ~ 230.000
80.000 ~ 230.000
80.000 ~ 230.000
80.000 ~ 170.000
80.000 ~ 170.000
80.000 ~ 170.000
80.000 ~ 170.000
F4700
F4700R
F4705
F4705R
F4706
F4706R
F4708
Model
Number
Part Number
703-Frequency-xxxxx
704-Frequency-xxxxx
705-Frequency-xxxxx
706-Frequency-xxxxx
707-Frequency-xxxxx
708-Frequency-xxxxx
709-Frequency-xxxxx
• PART NUMBER SELECTIONLearn More - Internet Required
PARAMETERS
Frequency Range
(FO)
Storage Temperature Range (TSTG)
Supply Voltage
(VDD)
Input Current
(IDD)
Differential Output Voltage
(VOD) (Out 1 - Out 2)
Offset Voltage (VOS)
Differential Output Swing (VOp-p)
Output Symmetry (Output Crossing Point)
Rise Time (TR) (20% ~ 80% VOp-p)
Fall Time (TF) (80% ~ 20% VOp-p)
Output Load (Out 1 - Out 2)
Standby Current
Start-up Time
(TS)
Output Disable Time 3
Output Enable Time 3
80.000 ~ 250.000 MHz
-55ºC ~ +125ºC
3.3V ± 5%
66mA
0.247V ~ 0.454V
(0.33V Typical)
1.125V ~ 1.375V
(1.25V Typical)
0.35Vp-p Min
45% ~ 55%
0.7nS
0.7nS
100 Ohms Typical
30µA
10mS
200nS
10mS
• ELECTRICAL CHARACTERISTICS
MAX (unless otherwise noted)
LVDS 7x5mm 3.3V Oscillator
Rev. 12/21/2005
RoHS Compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
F4700 SERIES
FOX Electronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1(239) 693.0099 FAX +1 (239) 693.1554 http://www.foxonline.com
EMEA United Kingdom Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 FAX +852.2854.4282
© 2005 FOX ELECTRONICS | ISO9001:2000 Certified


Similar Part No. - F4705

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
F4706 ITF-F4706 Datasheet
318Kb / 7P
SAW Bandpass Filter
More results

Similar Description - F4705

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F4710 FOX-F4710 Datasheet
207Kb / 1P
LVDS 7x5mm 2.5V Oscillator
F4600 FOX-F4600 Datasheet
209Kb / 2P
LV-PECL 7x5mm 3.3V OSCILLATOR
logo
EUROQUARTZ limited
EQVP-LC73 EUROQUARTZ-EQVP-LC73 Datasheet
166Kb / 1P
LVDS 7x5mm 3.3V VCXO
EQXP-HC73 EUROQUARTZ-EQXP-HC73 Datasheet
164Kb / 1P
HCMOS 7x5mm 3.3V OSCILLATOR
EQXP-LC72 EUROQUARTZ-EQXP-LC72 Datasheet
164Kb / 1P
LVDS 7x5mm 2.5V OSCILLATOR
EQXP-LC73 EUROQUARTZ-EQXP-LC73 Datasheet
164Kb / 1P
LVDS 7x5mm 3.3V OSCILLATOR
EQXP-PC73 EUROQUARTZ-EQXP-PC73 Datasheet
164Kb / 1P
LVPECL 7x5mm 3.3V OSCILLATOR
logo
Golledge Electronics Lt...
GXO-U108L GOLLEDGE-GXO-U108L Datasheet
602Kb / 5P
3.3V 7x5mm Oscillator with Power Saving
GXO-U129L GOLLEDGE-GXO-U129L Datasheet
564Kb / 4P
3.3V 7x5mm Oscillator with Tight Stability
logo
Fox Electronics
O7LS FOX-O7LS Datasheet
229Kb / 3P
7x5mm LVDS Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com