Electronic Components Datasheet Search
  English  ▼

X  

F4400R Datasheet(PDF) 2 Page - Fox Electronics

Part # F4400R
Description  HCMOS, 7.5x5mm, 2.5V, SMD Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

F4400R Datasheet(HTML) 2 Page - Fox Electronics

  F4400R Datasheet HTML 1Page - Fox Electronics F4400R Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
55
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com
EMEA Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282 | Taiwan Tel: +886.2.22073427 Fax +886.2.22073486
| Japan Tel: +81.3.3374/2079 Fax: +81.3.3374.5221
© 2008 FOX ELECTRONICS | ISO9001:2000 Certified
HCMOS, 7.5x5mm, 2.5V, SMD Oscillator
Rev. 2/25/2008
RoHS Compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: F4400 SERIES
Page 1 of 2
• TAPE SPECIFICATIOnS (millimeters)
MODEL
F4400 Series
A
∅1.5
b
4.0
C
8.0
D
7.5
E
16.0
F
2.15
STD Reel QTY
2,000
• REEL SPECIFICATIOnS (millimeters)
G
2.0
H
∅13
I
∅21
J
∅80
K
∅255
L
17.5
M
2.0
MODEL
F4400 Series



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com