Electronic Components Datasheet Search
  English  ▼

X  

F4606 Datasheet(PDF) 1 Page - Fox Electronics

Part # F4606
Description  LV-PECL 7x5mm 3.3V OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

F4606 Datasheet(HTML) 1 Page - Fox Electronics

  F4606 Datasheet HTML 1Page - Fox Electronics F4606 Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com
EMEA Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282 | Taiwan Tel: +886.2.22073427 Fax +886.2.22073486
| Japan Tel: +81.3.3374/2079 Fax: +81.3.3374.5221
© 2008 FOX ELECTRONICS | ISO9001:2000 Certified
1 Inclusive of 25ºC tolerance, operating temperature range, input voltage change, load change, aging,
shock, and vibration.
2 An internal pullup resistor from pin 1 to pin 6 allows active output if pin 1 is left open.
Note: A 0.01µF bypass capacitor should be placed between
Vdd (Pin 6) and GND (Pin 3) to
minimize power supply line noise.
All specifications subject to change without notice.
OUTPUT (Pin 4)
ACTIVE
ACTIVE
High Z
• EnAblE / DisAblE FuncTiOn3
(Pin 1)
OPEN
'1' Level Vih
≥ 70% Vdd
'0' Level Vil
≤ 30% Vdd
OUTPUT (Pin 5)
ACTIVE
ACTIVE
High Z
All dimensions are in millimeters.
FEATuREs
•
3.3V Operation
• LV-PECL Output
• Complementary Outputs
• Standby Function
• Tape and Reel (2,000 pcs. STD)
OPTiOns
•
2.5V Version (F4620)
• Pin 2 E/D (A Series)
lV-PEcl 7x5mm 3.3V Oscillator
Rev. 2/14/2008
RoHs compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
F4600 sERiEs
Frequency
Stability1
±100PPM
±100PPM
±50PPM
±50PPM
±25PPM
±25PPM
±20PPM
Operating
Temperature (ºC)
-10 ~ +70
-40 ~ +85
-10 ~ +70
-40 ~ +85
-10 ~ +70
-40 ~ +85
-10 ~ +70
Frequency
Range (MHz)
41.660 ~ 280.000
41.660 ~ 170.000
41.660 ~ 280.000
41.660 ~ 170.000
41.660 ~ 210.000
41.660 ~ 170.000
41.660 ~ 170.000
F4600
F4600R
F4605
F4605R
F4606
F4606R
F4608
Model
Number
Part Number
535-Frequency-xxxxx
536-Frequency-xxxxx
537-Frequency-xxxxx
538-Frequency-xxxxx
539-Frequency-xxxxx
540-Frequency-xxxxx
541-Frequency-xxxxx
• PART nuMbER sElEcTiOn Learn More - Internet Required
41.660 ~ 280.000 MHz
-55ºC ~ +125ºC
3.3V ± 5%
60mA
88mA
45% ~ 55%
40% ~ 60%
1nS
1nS
1.7V
2.2V Min
30µA
See Recommended Circuit
10mS
100nS
10mS
0.3pS Typ.
2.5pS Typ.
20pS Typ.
PARAMETERS
Frequency Range
(Fo)
Storage Temperature Range (Tstg)
Supply Voltage
(Vdd)
Input Current
(Idd)
41.660 Mhz ~ 250.000 MHz
250.000+ Mhz ~ 280.000 MHz
Output Symmetry (50% Vp-p Level)
41.660 MHz ~ 170.000 MHz
170.000 Mhz ~ 280.000 MHz
Rise Time (Tr) (20% ~ 80% Vp-p)
Fall Time (Tf)(80% ~ 20% Vp-p)
Output Voltage
(Vol)
(Voh)
Standby Current
Output Load
Start-up Time
(Ts)
Output Disable Time 2
Output Enable Time 2
Jitter
12kHz ~ 20MHz
RMS Period
Cycle-to-Cycle
• ElEcTRicAl cHARAcTERisTics
MAX (unless otherwise noted)
Page 1 of 2


Similar Part No. - F4606

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F4606RU FOX-F4606RU Datasheet
575Kb / 2P
LV-PECL 3.3V Oscillator
F4606U FOX-F4606U Datasheet
575Kb / 2P
LV-PECL 3.3V Oscillator
More results

Similar Description - F4606

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GXOE71 GOLLEDGE-GXOE71 Datasheet
61Kb / 1P
3.3V Complementray LV-PECL Oscillator
GXO-E72 GOLLEDGE-GXO-E72 Datasheet
97Kb / 2P
2.5V AND 3.3V LV-PECL Oscillator
logo
Fox Electronics
FCPAXT FOX-FCPAXT Datasheet
204Kb / 1P
3.3V, SMD, LV-PECL Oscillator
logo
Golledge Electronics Lt...
GXO-E72 GOLLEDGE-GXO-E72_07 Datasheet
88Kb / 2P
2.5V & 3.3V LV-PECL Oscillator
logo
Fox Electronics
VCP35AXT FOX-VCP35AXT Datasheet
143Kb / 1P
3.3V SMD LV-PECL OSCILLATOR
VCP65AXT FOX-VCP65AXT Datasheet
142Kb / 1P
3.3V SMD LV-PECL OSCILLATOR
F4600U FOX-F4600U Datasheet
575Kb / 2P
LV-PECL 3.3V Oscillator
logo
Golledge Electronics Lt...
GXO-E31 GOLLEDGE-GXO-E31 Datasheet
174Kb / 2P
2.5V & 3.3V LV-PECL Oscillator
GXO-E71 GOLLEDGE-GXO-E71_16 Datasheet
151Kb / 2P
3.3V Complementary LV-PECL Oscillator
GXO-E72 GOLLEDGE-GXO-E72_16 Datasheet
197Kb / 2P
2.5V & 3.3V LV-PECL Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com