Electronic Components Datasheet Search
  English  ▼

X  

F4101 Datasheet(PDF) 1 Page - Fox Electronics

Part # F4101
Description  5.0V HCMOS SMD OSCILLATOR WITH STANDBY
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

F4101 Datasheet(HTML) 1 Page - Fox Electronics

  F4101 Datasheet HTML 1Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
69
FOX Electronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1(239) 693.0099 FAX +1 (239) 693.1554 http://www.foxonline.com
EMEA United Kingdom Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 FAX +852.2854.4282
© 2005 FOX ELECTRONICS | ISO9001:2000 Certified
5.0V HCMOS SMD OSCILLATOR WITH STANDBY
MODEL: F4101 Series
FEATURES
• 5.0V Operation
• HCMOS Output
• Standby Function
• Tape and Reel (2,000 pcs. STD)
OUTPUT (Pin 3)
ACTIVE
ACTIVE
High Z
• ENABLE / DISABLE FUNCTION
INH (Pin 1)
OPEN 2
'1' Level VIH
≥ 70% VDD
'0' Level VIL
≤ 30% VDD
Frequency
Stability1
±100PPM
±100PPM
±50PPM
±50PPM
±25PPM
±25PPM
±20PPM
Operating
Temperature
-10 ~ +70ºC
-40 ~ +85ºC
-10 ~ +70ºC
-40 ~ +85ºC
-10 ~ +70º)
-40 ~ +85ºC
-10 ~ +70ºC
Frequency
Range (MHz)
1.544 ~ 170.000
1.544 ~ 170.000
1.544 ~ 170.000
1.544 ~ 170.000
1.544 ~ 162.000
1.544 ~ 156.250
1.544 ~ 162.000
F4101
F4101R
F4102
F4102R
F4103
F4103R*
F4104*
Model
Number
1
Inclusive of 25ºC tolerance, operating temperature range, input voltage change, load change, aging,
shock, and vibration. *Excludes shock/vibration.
2
An internal pullup resistor from pin 1 to pin 4 allows active output if pin 1 is left open.
Note: A 0.01μF bypass capacitor should be placed between VDD (Pin 4) and GND (Pin 2) to
minimize power supply line noise.
All specifications subject to change without notice. Rev. 5/26/04
1.544 ~ 170.000 MHz
-55ºC ~ +125ºC
5.0V ± 10%
18mA
50mA
80mA
90mA
40% ~ 60%
5nS
4nS
5nS
4nS
10% VDD
90% VDD Min
2mA Min
-2mA Min
15pF
10μA
10mS
150nS
10mS
PARAMETERS
Frequency Range (FO)
Storage Temperature Range (TSTG)
Supply Voltage
(VDD)
Input Current
(IDD)
1.544 ~ 32.000 MHz
32.000+ ~ 67.000 MHz
67.000+ ~ 125.000 MHz
125.000+ ~ 170.000 MHz
Output Symmetry (50% VDD)
Rise Time (10% ~ 90% VDD)(TR)
1.544 ~ 79.999999 MHz
80.000 ~ 170.000 MHz
Fall Time (90% ~ 10% VDD)(TF)
1.544 ~ 79.999999 MHz
80.000 ~ 170.000 MHz
Output Voltage
(VOL)
(VOH)
Output Current
(IOL)
(IOH)
Output Load
(HCMOS)
Standby Current
Start-up Time
(TS)
Output Disable Time 2
Output Enable Time 2
• ELECTRICAL CHARACTERISTICS
MAX (unless otherwise noted)
Learn more about:
Part Marking Identification
Tape and Reel Specification
Mechanical Specification
Internet required
All dimensions are in millimeters.
Part Number
118-Frequency-xxxxx
119-Frequency-xxxxx
120-Frequency-xxxxx
121-Frequency-xxxxx
122-Frequency-xxxxx
123-Frequency-xxxxx
446-Frequency-xxxxx
• PART NUMBER SELECTIONLearn More - Internet Required


Similar Part No. - F4101

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F4101 FOX-F4101 Datasheet
198Kb / 2P
5.0V, HCMOS SMD Oscillator with Standby
F4101R FOX-F4101R Datasheet
198Kb / 2P
5.0V, HCMOS SMD Oscillator with Standby
More results

Similar Description - F4101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F3345 ETC2-F3345 Datasheet
107Kb / 1P
5.0V HCMOS SMD OSCILLATOR
F530L ETC2-F530L Datasheet
89Kb / 1P
3.3V HCMOS CERAMIC SMD OSCILLATOR WITH STANDBY
logo
Fox Electronics
F4200 FOX-F4200 Datasheet
87Kb / 1P
3.3V HCMOS CERAMIC SMD OSCILLATOR WITH STANDBY
F3345 FOX-F3345 Datasheet
204Kb / 2P
5.0V, HCMOS, SMD Oscillator
F550L FOX-F550L Datasheet
165Kb / 2P
HCMOS 5x3.2mm 5.0V SMD Oscillator
F550H FOX-F550H Datasheet
165Kb / 2P
HCMOS 5x3.2mm 5.0V SMD Oscillator
F3345-200 FOX-F3345-200 Datasheet
404Kb / 2P
5.0V, HCMOS, SMD Oscillator
F3345-250 FOX-F3345-250 Datasheet
408Kb / 3P
5.0V, HCMOS, SMD Oscillator
092-80-15 FOX-092-80-15 Datasheet
404Kb / 2P
5.0V, HCMOS, SMD Oscillator
121-6-1 FOX-121-6-1 Datasheet
198Kb / 2P
5.0V, HCMOS SMD Oscillator with Standby
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com