Electronic Components Datasheet Search
  English  ▼

X  

F4508 Datasheet(PDF) 1 Page - Fox Electronics

Part # F4508
Description  HCMOS, 7.5x5mm, 1.8V, SMD Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

F4508 Datasheet(HTML) 1 Page - Fox Electronics

  F4508 Datasheet HTML 1Page - Fox Electronics F4508 Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com
EMEA Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282 | Taiwan Tel: +886.2.22073427 Fax +886.2.22073486
| Japan Tel: +81.3.3374/2079 Fax: +81.3.3374.5221
© 2008 FOX ELECTRONICS | ISO9001:2000 Certified
FEATURES
•
1.8V Operation
• HCMOS Output
• Low Power Consumption
• Standby Function
• Tape and Reel (2,000 pcs. STD)
1 Inclusive of 25ºC tolerance, operating temperature range, input voltage change, load change, aging,
shock, and vibration. *Excludes Shock/Vibration
2 An internal pullup resistor from pin 1 to pin 4 allows active output if pin 1 is left open.
Note: A 0.01µF bypass capacitor should be placed between VDD (Pin 4) and GND (Pin 2) to
minimize power supply line noise.
Drawing is for reference to critical specifications defined by size measurements.
Certain non-critical visual attributes, such as side castellations, reference pin shape, etc. may vary.
All specifications subject to change without notice.
1.800 ~ 125.000 MHz
-55ºC ~ +125ºC
1.8V ± 5%
7mA
15mA
40% ~ 60%
5nS
3.5nS
5nS
3.5nS
20% Vdd
80% Vdd Min
2mA Min
2mA Min
15pF
10µA
10mS
300nS
10mS
PARAMETERS
Frequency Range
(Fo)
Storage Temperature Range (Tstg)
Supply Voltage
(Vdd)
Input Current
(Idd)
1.000 ~ 32.100 MHz
32.100+ ~ 70.000 MHz
Output Symmetry (50% Vdd)
Rise Time (20% ~ 80% Vdd) (Tr)
1.800 ~ 32.100 MHz
32.100+ ~ 70.000 MHz
Fall Time (80% ~ 20% Vdd) (Tf)
1.800 ~ 32.100 MHz
32.100+ ~ 70.000 MHz
Output Voltage
(Vol)
(Voh)
Output Current
(Iol)
(Ioh)
Output Load
(HCMOS)
Standby Current
Start-up Time
(Ts)
Output Disable Time 2
Output Enable Time 2
• ELECTRICAL CHARACTERISTICS
MAX (unless otherwise noted)
OUTPUT (Pin 3)
ACTIVE
ACTIVE
High Z
• EnAbLE / DISAbLE FUnCTIOn
INH (Pin 1)
OPEN 2
'1' Level Vih
≥ 70% Vdd
'0' Level Vil
≤ 30% Vdd
HCMOS, 7.5x5mm, 1.8V, SMD Oscillator
Rev. 2/25/2008
RoHS Compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: F4500 SERIES
Page 1 of 2
Frequency
Stability1
±100PPM
±100PPM
±50PPM
±50PPM
±25PPM
±25PPM*
±20PPM*
Operating
Temperature (ºC)
-10 ~ +70
-40 ~ +85
-10 ~ +70
-40 ~ +85
-10 ~ +70
-40 ~ +85
-10 ~ +70
Frequency
Range (MHz)
1.800 ~ 125.000
1.800 ~ 125.000
1.800 ~ 125.000
1.800 ~ 125.000
1.800 ~ 65.000
1.800 ~ 50.000
1.800 ~ 50.000
F4500
F4500R
F4505
F4505R
F4506
F4506R
F4508
Model
Number
• PART nUMbER SELECTIOn Learn More - Internet Required
Part Number
528-Frequency-xxxxx
529-Frequency-xxxxx
530-Frequency-xxxxx
531-Frequency-xxxxx
532-Frequency-xxxxx
533-Frequency-xxxxx
534-Frequency-xxxxx
All dimensions are in millimeters.


Similar Part No. - F4508

ManufacturerPart #DatasheetDescription
logo
Littelfuse
F450 LITTELFUSE-F450 Datasheet
92Kb / 1P
3AB Slo-Blo Fuse 325/326 Series
F450-ND LITTELFUSE-F450-ND Datasheet
92Kb / 1P
3AB Slo-Blo Fuse 325/326 Series
logo
Integrated Technology F...
F4505 ITF-F4505 Datasheet
321Kb / 7P
SAW Bandpass Filter
logo
Kemet Corporation
F450AD183F1K0C KEMET-F450AD183F1K0C Datasheet
1Mb / 25P
PHE450 Series Double Metallized Polypropylene Film
F450AD183F1K6C KEMET-F450AD183F1K6C Datasheet
1Mb / 25P
PHE450 Series Double Metallized Polypropylene Film
More results

Similar Description - F4508

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F4400 FOX-F4400 Datasheet
202Kb / 2P
HCMOS, 7.5x5mm, 2.5V, SMD Oscillator
F4300 FOX-F4300 Datasheet
205Kb / 2P
HCMOS, 7.5x5mm, 2.85V SMD Oscillator
F510L FOX-F510L Datasheet
380Kb / 2P
HCMOS 5x3.2mm 1.8V SMD Oscillator
F310 FOX-F310 Datasheet
206Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F110 FOX-F110 Datasheet
491Kb / 2P
HCMOS 2.0x1.6mm 1.8V SMD Oscillator
F316R-12.000 FOX-F316R-12.000 Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F316R-12.288 FOX-F316R-12.288 Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F316R-20.000 FOX-F316R-20.000 Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F316R-24.000 FOX-F316R-24.000 Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F316R-48.000 FOX-F316R-48.000 Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com