Electronic Components Datasheet Search
  English  ▼

X  

F4100 Datasheet(PDF) 1 Page - Fox Electronics

Part # F4100
Description  3.3V, HCMOS, SMD Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

F4100 Datasheet(HTML) 1 Page - Fox Electronics

  F4100_1 Datasheet HTML 1Page - Fox Electronics F4100_1 Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com
EMEA Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282 | Taiwan Tel: +886.2.22073427 Fax +886.2.22073486
| Japan Tel: +81.3.3374/2079 Fax: +81.3.3374.5221
© 2008 FOX ELECTRONICS | ISO9001:2000 Certified
FEATURES
• 3.3V Operation
• HCMOS Output
• Standby Function
• Tape and Reel (2,000 pcs. STD)
OUTPUT (Pin 3)
ACTIVE
ACTIVE
High Z
• EnAblE / DiSAblE FUncTiOn 2
INH (Pin 1)
OPEN 2
'1' Level Vih
≥ 70% Vdd
'0' Level Vil
≤ 30% Vdd
1 Inclusive of 25ºC tolerance, operating temperature range, input voltage change, load change, aging,
shock, and vibration. *Excludes Shock/Vibration
2 An internal pullup resistor from pin 1 to pin 4 allows active output if pin 1 is left open.
Note: A 0.01µF bypass capacitor should be placed between VDD (Pin 4) and GND (Pin 2) to
minimize power supply line noise.
Frequency
Stability1
±100PPM
±100PPM
±50PPM
±50PPM
±25PPM
±25PPM*
±20PPM*
Operating
Temperature (ºC)
-10 ~ +70
-40 ~ +85
-10 ~ +70
-40 ~ +85
-10 ~ +70
-40 ~ +85
-10 ~ +70
Frequency
Range (MHz)
0.012 ~ 170.000
0.012 ~ 170.000
0.012 ~ 170.000
0.012 ~ 170.000
0.012 ~ 165.000
0.012 ~ 156.520
0.012 ~ 162.000
F4100
F4100R
F4105
F4105R
F4106
F4106R
F4108
Model
Number
0.012 ~ 170.000 MHz
-55ºC ~ +125ºC
3.3V ± 10%
3mA
6mA
15mA
20mA
25mA
40mA
45% ~ 55%
40% ~ 60%
6nS
4nS
3nS
6nS
4nS
3nS
10% Vdd
90% Vdd Min
2mA Min
-2mA Min
15pF
10µA
5mS
10mS
150nS
5mS
10mS
0.3pS Typ.
2.5pS Typ.
20pS Typ.
PARAMETERS
Frequency Range
(Fo)
Storage Temperature Range (Tstg)
Supply Voltage
(Vdd)
Input Current
(Idd)
0.012 ~ 0.040 MHz
0.040+ ~ 1.500 MHz
1.500+ ~ 32.000 MHz
32.000+ ~ 50.000 MHz
50.000+ ~ 67.000 MHz
67.000+ ~ 170.000 MHz
Output Symmetry (50% Vdd)
0.012 ~ 50.000 MHz
50.000+ ~ 170.000 MHz
Rise Time (10% ~ 90% Vdd) (Tr)
0.012 ~ 80.000 MHz
80.000+ ~ 125.000 MHz
125.000+ ~ 170.000 MHz
Fall Time (90% ~ 10% Vdd) (Tf)
0.012 ~ 80.000 MHz
80.000+ ~ 125.000 MHz
125.000+ ~ 170.000 MHz
Output Voltage
(Vol)
(Voh)
Output Current
(Iol)
(Ioh)
Output Load
(HCMOS)
Standby Current
Start-up Time
(Ts)
0.012 ~ 32.000 MHz
32.000+ ~ 170.000 MHz
Output Disable Time 2
Output Enable Time 2
0.012 ~ 32.000 MHz
32.000+ ~ 170.000 MHz
Jitter
12kHz ~ 20MHz
RMS Period
Cycle-to-Cycle
• ElEcTRicAl cHARAcTERiSTicS
MAX (unless otherwise noted)
Part Number
116-Frequency-xxxxx
117-Frequency-xxxxx
124-Frequency-xxxxx
125-Frequency-xxxxx
126-Frequency-xxxxx
127-Frequency-xxxxx
128-Frequency-xxxxx
• PART nUMbER SElEcTiOn Learn More - Internet Required
3.3V, HcMOS, SMD Oscillator
Rev. 2/26/2008
RoHS compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: F4100 SERiES
Page 1 of 3
All dimensions are in millimeters.
Drawing is for reference to critical specifications
defined by size measurements.
Certain non-critical visual attributes, such as
side castellations, reference pin shape, etc. may
vary. All specifications subject to change without
notice.


Similar Part No. - F4100_1

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F4100-500 FOX-F4100-500 Datasheet
308Kb / 2P
3.3V, HCMOS, SMD Oscillator
F4100-600 FOX-F4100-600 Datasheet
486Kb / 2P
3.3V. HCMOS, SMD Oscillator
F4100R FOX-F4100R Datasheet
441Kb / 2P
3.3V, HCMOS , SMD Oscillator
F4100TS FOX-F4100TS Datasheet
502Kb / 2P
3.3V, HCMOS, Tight Stability, SMD Oscillator
More results

Similar Description - F4100_1

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F537 FOX-F537 Datasheet
214Kb / 2P
HCMOS 5x3.2mm 3.3V SMD Oscillator
F530LA FOX-F530LA Datasheet
189Kb / 2P
HCMOS 5x3.2mm 3.3V SMD Oscillator
F330 FOX-F330 Datasheet
102Kb / 2P
HCMOS 3.2x2.5mm 3.3V SMD Oscillator
FK335 FOX-FK335 Datasheet
80Kb / 1P
HCMOS 3.3V 32.768kHz SMD Oscillator
F4100-600 FOX-F4100-600 Datasheet
486Kb / 2P
3.3V. HCMOS, SMD Oscillator
F4100-500 FOX-F4100-500 Datasheet
308Kb / 2P
3.3V, HCMOS, SMD Oscillator
F130 FOX-F130 Datasheet
492Kb / 2P
HCMOS 2.0x1.6mm 3.3V SMD Oscillator
F537F539 FOX-F537F539 Datasheet
196Kb / 2P
HCMOS 5x3.2mm 3.3V SMD Oscillator
F4105-200 FOX-F4105-200 Datasheet
441Kb / 2P
3.3V, HCMOS , SMD Oscillator
F4105-400 FOX-F4105-400 Datasheet
441Kb / 2P
3.3V, HCMOS , SMD Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com