Electronic Components Datasheet Search
  English  ▼

X  

F3406 Datasheet(PDF) 1 Page - Fox Electronics

Part # F3406
Description  ULTRA MINIATURE SMD HCMOS/TTL OSCILLATORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

F3406 Datasheet(HTML) 1 Page - Fox Electronics

  F3406 Datasheet HTML 1Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
56
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 941-693-0099 FAX 941-693-1554 http://www.foxonline.com
© 2000 FOX ELECTRONICS
Fox introduces the F3400 series, our newest ultra miniature surface
mount oscillator. This AT-strip design is housed in a 6.0 x 3.5 x
1.5mm ceramic package, providing one of the smallest footprints
in the industry.
FEATURES
• TTL / HCMOS
• Ultra Miniature Package
• Tri-state Enable/ Disable
• Tape & Reel (2,000 pcs. STD)
ULTRA MINIATURE SMD HCMOS/TTL OSCILLATORS
F3400/F3410
UNITS
MHz
PPM
ºC
V
mA
%
nS
V
mA
TTL
pF
mS
nS
• ELECTRICAL CHARACTERISTICS (VDD = 5.0V, CL = Max Load)
FREQUENCY
RANGE
1.544 ~ 50.000
1.544 ~ 25.000
25.000+ ~ 50.000
1.544 ~ 50.000
1.544 ~ 50.000
1.544 ~ 50.000
1.544 ~ 50.000
1.544 ~ 50.000
1.544 ~ 50.000
1.544 ~ 50.000
MIN
1.544
-100
-10
-30
+4.5
40
4.5
CONDITIONS
All Conditions*
2.5V
0.5V to 4.5V
4.5V to 0.5V
IOL = 16mA / IOL = 4mA
IOH = -16mA / IOH = -4mA
VOL = 0.5V
VOH = 4.5V
TTL
HCMOS
F3400
F3410
PARAMETERS
Frequency Range
(Fo)
Frequency Stability
Temperature Range
Operating
(TOPR)
Storage
(TSTG)
Supply Voltage
(VDD)
Input Current
(IDD)
Output Symmetry
Rise Time
(TR)
FallTime
(TF)
Output Voltage
(VOL)
(VOH)
Output Current
(IOL)
(IOH)
Output Load
Start-up Time
(TS)
Enable/Disable Time
MIN
1.544
-100
-10
-30
+4.5
40
4.5
* Inclusive of 25ºC tolerance, operating temperature range, input voltage change, load change, aging, shock, and vibration.
***An internal pullup resistor from pin 1 to pin 4 allows active output if pin 1 is left open.
Note: A 0.01µF bypass capacitor should be placed between VDD (Pin 4) and GND (Pin 2) to minimize power supply line noise.
See page 44 for mechanical specifications, test circuits, and output waveform.
All specifications subject to change without notice. Rev. 03/02/00
See page 74 for tape and reel specifications.
MAX
50.000
+100
+70
+85
+5.5
25
40
60
5
5
0.5
16
-16
10
50
10
100
MAX
50.000
+100
+70
+85
+5.5
13
24
60
10
10
0.5
4
-4
10LS
15
10
100
OUTPUT (Pin 3)
ACTIVE
ACTIVE
High Z
• ENABLE / DISABLE FUNCTION**
INH (Pin 1)
OPEN ***
'1' Level VIH ³ 2.2 V
'0' Level VIL £ 0.8 V
ModelNumber
F3400
F3410
F3405
F3415
F3406
F3416
Frequency Stability
±100PPM
±50PPM
±25PPM
• MODEL NUMBER SELECTION
Note: -40ºC ~ +85ºC "R" version available
in 100 & 50 PPM (ex: F3400R)
All dimensions are in millimeters.


Similar Part No. - F3406

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F340 FOX-F340 Datasheet
85Kb / 2P
HCMOS 3.2x2.5mm 2.5V SMD Oscillator
F340R FOX-F340R Datasheet
85Kb / 2P
HCMOS 3.2x2.5mm 2.5V SMD Oscillator
logo
Vishay Siliconix
F340X1 VISHAY-F340X1 Datasheet
170Kb / 13P
THB Grade IIIB Class X1 Interference Suppression Film Capacitor Radial MKP 480 VAC - Three Phase Across the Line
12-May-2021
F340X122748KKI2B0 VISHAY-F340X122748KKI2B0 Datasheet
170Kb / 13P
THB Grade IIIB Class X1 Interference Suppression Film Capacitor Radial MKP 480 VAC - Three Phase Across the Line
12-May-2021
F340X122748KKI2T0 VISHAY-F340X122748KKI2T0 Datasheet
170Kb / 13P
THB Grade IIIB Class X1 Interference Suppression Film Capacitor Radial MKP 480 VAC - Three Phase Across the Line
12-May-2021
More results

Similar Description - F3406

ManufacturerPart #DatasheetDescription
logo
General Electric Compan...
LM1100 GEC-LM1100 Datasheet
201Kb / 1P
Full Size HCMOS/TTL Compatible Oscillators
logo
Vishay Siliconix
XO-54 VISHAY-XO-54 Datasheet
81Kb / 1P
Full Size Clock Oscillators TTL/HCMOS Compatible
10-Jun-03
XO-54 VISHAY-XO-54_07 Datasheet
188Kb / 3P
Full Size Clock Oscillators TTL/HCMOS Compatible
05-Mar-07
XO-543 VISHAY-XO-543 Datasheet
186Kb / 3P
Full Size Clock Oscillators TTL/HCMOS Compatible
05-Mar-07
logo
RSG Electronic Componen...
HO-12 RSG-HO-12 Datasheet
84Kb / 1P
FULL SIZE CLOCK OSCILLATORS TTL/HCMOS COMPATIBLE
HO-22 RSG-HO-22 Datasheet
85Kb / 1P
HALF SIZE CLOCK OSCILLATORS TTL/HCMOS COMPATIBLE
logo
Vishay Siliconix
XO-54 VISHAY-XO-54_11 Datasheet
155Kb / 3P
Full Size Clock Oscillators TTL/HCMOS Compatible
08-Mar-11
XO-543 VISHAY-XO-543_11 Datasheet
155Kb / 3P
Full Size Clock Oscillators TTL/HCMOS Compatible
08-Mar-11
logo
Fox Electronics
FOX251 FOX-FOX251 Datasheet
352Kb / 1P
Ultra Miniature SMD HCMOS TCXO
FOX351 FOX-FOX351 Datasheet
519Kb / 1P
Ultra Miniature SMD HCMOS TCXO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com