Electronic Components Datasheet Search
  English  ▼

X  

F550L Datasheet(PDF) 1 Page - Fox Electronics

Part # F550L
Description  HCMOS 5x3.2mm 5.0V SMD Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

F550L Datasheet(HTML) 1 Page - Fox Electronics

  F550L Datasheet HTML 1Page - Fox Electronics F550L Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com
EMEA Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282 | Taiwan Tel: +886.2.22073427 Fax +886.2.22073486
| Japan Tel: +81.3.3374/2079 Fax: +81.3.3374.5221
© 2007 FOX ELECTRONICS | ISO9001:2000 Certified
FEATURES
• 5.0V Operation
• HCMOS Output
• Tape and Reel (2,000 pcs. STD)
Frequency
Stability1
±100PPM
±100PPM
±50PPM
±50PPM
±25PPM
±20PPM*
Operating
Temperature (ºC)
-10 ~ +70
-40 ~ +85
-10 ~ +70
-40 ~ +85
-10 ~ +70
-10 ~ +70
Frequency
Range (MHz)
1.800 ~ 50.000
1.800 ~ 50.000
1.800~ 50.000
1.800~ 50.000
1.800~ 50.000
1.800~ 50.000
F550L
F550LR
F555L
F555LR
F556L
F558L
Model
Number
1 Inclusive of 25ºC tolerance, operating temperature range, input voltage change, load change, ag-
ing, shock, and vibration. *Excludes Shock/Vibration
2 An internal pullup resistor from pin 1 to pin 4 allows active output if pin 1 is left open.
All specifications subject to change without notice.
1.800 ~ 50.000 MHz
-55ºC ~ +125ºC
5.0V ± 5%
35mA
40% ~ 60%
10nS
10nS
10% Vdd
90% Vdd Min
4mA Min
4mA Min
15pF
10mS
100nS
100nS
PARAMETERS
Frequency Range
(Fo)
Storage Temperature Range (Tstg)
Supply Voltage
(Vdd)
Input Current
(Idd)
1.800 ~ 50.000 MHz
Output Symmetry (50% Vdd)
Rise Time (10% ~ 90% Vdd) (Tr)
Fall Time (90% ~ 10% Vdd) (Tf)
Output Voltage
(Vol)
(Voh)
Output Current
(Iol)
(Ioh)
Output Load
(HCMOS)
Start-up Time
(Ts)
Output Disable Time 2
Output Enable Time 2
• ELECTRICAL CHARACTERISTICS
MAX (unless otherwise noted)
OUTPUT (Pin 3)
ACTIVE
ACTIVE
High Z
• EnAbLE / DISAbLE FUnCTIOn
INH (Pin 1)
OPEN 2
'1' Level Vih
≥ 70% Vdd
'0' Level Vil
≤ 30% Vdd
Part Number
477-Frequency-xxxxx
478-Frequency-xxxxx
479-Frequency-xxxxx
675-Frequency-xxxxx
494-Frequency-xxxxx
608-Frequency-xxxxx
• PART nUMbER SELECTIOn Learn More - Internet Required
HCMOS 5x3.2mm 5.0V SMD Oscillator
Rev. 7/23/2007
RoHS Compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: F550L SERIES
Page 1 of 2
5.0 ± 0.2
1.3 M ax
Solder Pad Layout
Recommended
3.2 ± 0.2
2.54±0.1
1.2
Pin Connections
#1 E/D
#2 GND
#3 Output
#4 V DD
1.0
One center castellation,
two offset from center castellations,
or no castellations may be present
on 3.2mm sides.
2.25
1.24
2.54
1.29
All dimensions are in millimeters.


Similar Part No. - F550L

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F5500 FOX-F5500 Datasheet
209Kb / 1P
SMD COMPLEMENTARY OUTPUT ECL OSCILLATOR
F5500AC FOX-F5500AC Datasheet
209Kb / 1P
SMD COMPLEMENTARY OUTPUT ECL OSCILLATOR
F5500ACR FOX-F5500ACR Datasheet
209Kb / 1P
SMD COMPLEMENTARY OUTPUT ECL OSCILLATOR
F5500BC FOX-F5500BC Datasheet
209Kb / 1P
SMD COMPLEMENTARY OUTPUT ECL OSCILLATOR
F5500BCR FOX-F5500BCR Datasheet
209Kb / 1P
SMD COMPLEMENTARY OUTPUT ECL OSCILLATOR
More results

Similar Description - F550L

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F550H FOX-F550H Datasheet
165Kb / 2P
HCMOS 5x3.2mm 5.0V SMD Oscillator
F547 FOX-F547 Datasheet
220Kb / 2P
HCMOS 5x3.2mm 2.5V SMD Oscillator
F537 FOX-F537 Datasheet
214Kb / 2P
HCMOS 5x3.2mm 3.3V SMD Oscillator
F530LA FOX-F530LA Datasheet
189Kb / 2P
HCMOS 5x3.2mm 3.3V SMD Oscillator
F530L FOX-F530L Datasheet
188Kb / 2P
HCMOS 5x3.2mm 3.3V SMD Oscillator
F520L FOX-F520L Datasheet
167Kb / 2P
HCMOS 5x3.2mm 2.85V SMD Oscillator
FSS52 FOX-FSS52 Datasheet
439Kb / 3P
HCMOS 5x3.2mm 2.5V SMD Oscillator
F547F549 FOX-F547F549 Datasheet
203Kb / 2P
HCMOS 5x3.2mm 2.5V SMD Oscillator
O5HA FOX-O5HA Datasheet
283Kb / 5P
HCMOS 5x3.2mm SMD Oscillator
O5HL FOX-O5HL Datasheet
243Kb / 3P
HCMOS 5x3.2mm SMD Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com