Electronic Components Datasheet Search
  English  ▼

X  

F547 Datasheet(PDF) 1 Page - Fox Electronics

Part # F547
Description  HCMOS 5x3.2mm 2.5V SMD Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

F547 Datasheet(HTML) 1 Page - Fox Electronics

  F547 Datasheet HTML 1Page - Fox Electronics F547 Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com
EMEA Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282 | Taiwan Tel: +886.2.22073427 Fax +886.2.22073486
| Japan Tel: +81.3.3374/2079 Fax: +81.3.3374.5221
© 2008 FOX ELECTRONICS | ISO9001:2000 Certified
1
Inclusive of 25ºC tolerance, operating temperature range, input voltage change, load change, reflow,
and one year aging.
2
An internal pullup resistor from pin 1 to pin 4 allows active output if pin 1 is left open.
Notes:
*A 0.01µF capacitor should be placed between Vdd (Pin 4) and GND (Pin 2) to
minimize power supply line noise.
*Dimensional drawing is for reference to critical specifications defined by size measurements.
Certain non-critical visual attributes, such as side castellations, reference pin shape, etc. may vary.
All specifications subject to change without notice.
4.000 ~ 54.000 MHz
-40ºC ~ +85ºC
2.5V ± 5%
7mA
45% ~ 55%
5nS
5nS
10% Vdd
90% Vdd Min
4mA Min
-4mA Min
15pF
10µA
10mS
100nS
10mS
-140Bc/Hz Typ. @ 10kHz offset
3pS RMS Typ.
260ºC / 10 Seconds
1
Au
PARAMETERS
Frequency Range
(Fo)
Storage Temperature Range (Tstg)
Supply Voltage
(Vdd)
Input Current
(Idd)
Output Symmetry (50% Vdd)
Rise Time (10% ~ 90% Vdd) (Tr)
Fall Time (90% ~ 10% Vdd) (Tf)
Output Voltage
(Vol)
(Voh)
Output Current
(Iol)
(Ioh)
Output Load
(HCMOS)
Standby Current
Start-up Time
(Ts)
Output Disable Time 2
Output Enable Time 2
Phase Noise
Period Jitter
Maximum Soldering Temp / Time
Moisture Sensitivity Level (MSL)
Termination Finish
• ELECTRICAL CHARACTERISTICS
MAX (unless otherwise noted)
OUTPUT (Pin 3)
ACTIVE
ACTIVE
High Z
• EnAbLE / DISAbLE FunCTIOn
Pin 1
OPEN
'1' Level Vih ≥ 70% Vdd
'0' Level Vil ≤ 30% Vdd
FEATuRES
• 2.5V Operation
• HCMOS Output
• Low Power Consumption
• Tape and Reel (1,000 pcs. STD)
Frequency
Stability1
±15PPM
±15PPM
±10PPM
±10PPM
±8PPM
±8PPM
Operating
Temperature (ºC)
-20 ~ +70
-40 ~ +85
-20 ~ +70
-40 ~ +85
20 ~ +70
-40 ~ +85
Frequency
Range (MHz)
4.000 - 54.000
4.000 - 54.000
4.000 - 54.000
4.000 - 54.000
4.000 - 54.000
4.000 - 54.000
F547
F547R
F549
F549R
F54S
F54SR
Model
Number
Part Number
809A-Frequency-xxxxx
809C-Frequency-xxxxx
810A-Frequency-xxxxx
810C-Frequency-xxxxx
813A-Frequency-xxxxx
813C-Frequency-xxxxx
• PART nuMbER SELECTIOn Learn More - Internet Required
HCMOS 5x3.2mm 2.5V SMD Oscillator
Rev. 7/2/2008
RoHS Compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: F547 / F549 SERIES
Page 1 of 2
All dimensions are in millimeters.
#1
#2
#4
#3
#4
#1
#2
#3
Recom m ended
Solder Pad Layout
5.0±0.2
1.05±0.1
2.6
1.1
0.7
1.6
2.6
1.3
1.6
1.0
Test Points.
No Connect.
3.2±0.2
Pin Connection
#1 E/D
#3 Output
#2 GND
#4 Vdd


Similar Part No. - F547

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F547F FOX-F547F Datasheet
203Kb / 2P
HCMOS 5x3.2mm 2.5V SMD Oscillator
F547F549 FOX-F547F549 Datasheet
203Kb / 2P
HCMOS 5x3.2mm 2.5V SMD Oscillator
F547R FOX-F547R Datasheet
203Kb / 2P
HCMOS 5x3.2mm 2.5V SMD Oscillator
More results

Similar Description - F547

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F550H FOX-F550H Datasheet
165Kb / 2P
HCMOS 5x3.2mm 5.0V SMD Oscillator
F540L FOX-F540L Datasheet
166Kb / 2P
HCMOS 5x3.2mm 2.5V SMD Oscillator
F530LA FOX-F530LA Datasheet
189Kb / 2P
HCMOS 5x3.2mm 3.3V SMD Oscillator
F530L FOX-F530L Datasheet
188Kb / 2P
HCMOS 5x3.2mm 3.3V SMD Oscillator
F520L FOX-F520L Datasheet
167Kb / 2P
HCMOS 5x3.2mm 2.85V SMD Oscillator
logo
EUROQUARTZ limited
EQXP-HC52 EUROQUARTZ-EQXP-HC52 Datasheet
166Kb / 1P
HCMOS 5x3.2mm 2.5V OSCILLATOR
logo
Fox Electronics
FSS52 FOX-FSS52 Datasheet
439Kb / 3P
HCMOS 5x3.2mm 2.5V SMD Oscillator
F547F549 FOX-F547F549 Datasheet
203Kb / 2P
HCMOS 5x3.2mm 2.5V SMD Oscillator
O5HA FOX-O5HA Datasheet
283Kb / 5P
HCMOS 5x3.2mm SMD Oscillator
O5HL FOX-O5HL Datasheet
243Kb / 3P
HCMOS 5x3.2mm SMD Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com