Electronic Components Datasheet Search
  English  ▼

X  

F230 Datasheet(PDF) 1 Page - Fox Electronics

Part # F230
Description  HCMOS 2.5x2mm 3.3V Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

F230 Datasheet(HTML) 1 Page - Fox Electronics

  F230 Datasheet HTML 1Page - Fox Electronics F230 Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com
EMEA Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282 | Taiwan Tel: +886.2.22073427 Fax +886.2.22073486
| Japan Tel: +81.3.3374/2079 Fax: +81.3.3374.5221
© 2008 FOX ELECTRONICS | ISO9001:2000 Certified
FEATURES
• 3.3V Operation
• Standby Function
• Tape and Reel (3,000 pcs. STD)
Frequency
Stability1
±100PPM
±100PPM
±50PPM
±50PPM
±25PPM
Operating
Temperature (ºC)
-20 ~ +70
-40 ~ +85
-20 ~ +70
-40 ~ +85
-20 ~ +70
Frequency
Range (MHz)
0.750 ~ 50.000
0.750 ~ 50.000
0.750 ~ 50.000
0.750 ~ 50.000
0.750 ~ 50.000
F230
F230R
F235
F235R
F236
0.750 ~ 50.000 MHz
-55ºC ~ +100ºC
3.3V ± 5%
7mA
13mA
19mA
45% ~ 55%
10nS
10nS
10% VDD
90% VDD Min
5mA Min
-5mA Min
15pF
5µA
10mS
150nS
10mS
± 5 PPM
260ºC / 10 Seconds
1
Au
PARAMETERS
Frequency Range
(FO)
Storage Temperature Range (TSTG)
Supply Voltage
(VDD)
Input Current
(IDD)
0.750 ~ 19.999 MHz
19.999+ ~ 39.999 MHz
39.999+ ~ 50.000 MHz
Output Symmetry (50% VDD)
Rise Time (10% ~ 90% VDD) (TR)
Fall Time (90% ~ 10% VDD) (TF)
Output Voltage
(VOL)
(VOH)
Output Current
(IOL)
(IOH)
Output Load
(HCMOS)
Standby Current
Start-up Time
(TS)
Output Disable Time 2
Output Enable Time 2
Aging
(Ta=25ºC: per year)
Reflow Soldering Temp
Moisture Sensitivity Level (MSL)
Termination Finish
• ELECTRICAL CHARACTERISTICS
MAX (unless otherwise noted)
1 Inclusive of 25ºC tolerance, operating temperature range, input voltage change, load change, shock,
and vibration.
2
An internal pullup resistor from pin 1 to pin 4 allows active output if pin 1 is left open.
Note: A 0.01µF capacitor should be placed between VDD (Pin 4) and GND (Pin2) to minimize
power supply noise. All specifications subject to change without notice.
OUTPUT (Pin 3)
ACTIVE
ACTIVE
High Z
• EnAbLE / DISAbLE FUnCTIOn
INH (Pin 1)
OPEN
'1' Level VIH
≥ 80% VDD
'0' Level VIL
≤ 20% VDD
All dimensions are in millimeters.
Model
Number
Part Number
781-Frequency-xxxxx
781R-Frequency-xxxxx
782-Frequency-xxxxx
782R-Frequency-xxxxx
783-Frequency-xxxxx
• PART nUMbER SELECTIOn Learn More - Internet Required
HCMOS 2.5x2mm 3.3V Oscillator
Rev. 5/20/2008
RoHS Compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: F230 SERIES
Page 1 of 2
Pin Connection
#1 E/D
#3 Output
#2 GND
#4
VDD
2.5±0.1
0.8±0.1
0.95
2.0±0.1
0.78
0.65
0.68
Recommended
Solder Pad Layout
0.9
0.95
0.8
0.65
#1
#4
#2
#3
#4
#3
#2
#1


Similar Part No. - F230

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F230 FOX-F230 Datasheet
133Kb / 2P
HCMOS 2.5x2mm 3.3V Oscillator
F230 FOX-F230 Datasheet
133Kb / 2P
HCMOS 2.5x2mm 3.3V Oscillator
F230R FOX-F230R Datasheet
133Kb / 2P
HCMOS 2.5x2mm 3.3V Oscillator
F230R FOX-F230R Datasheet
133Kb / 2P
HCMOS 2.5x2mm 3.3V Oscillator
F230TS FOX-F230TS Datasheet
500Kb / 2P
HCMOS 2.5x2.0mm 3.3V SMD Oscillator
More results

Similar Description - F230

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F240 FOX-F240 Datasheet
185Kb / 2P
HCMOS 2.5x2mm 2.5V Oscillator
logo
EUROQUARTZ limited
EQXP-HC53 EUROQUARTZ-EQXP-HC53 Datasheet
166Kb / 1P
HCMOS 5x3.2mm 3.3V OSCILLATOR
logo
Fox Electronics
F200 FOX-F200 Datasheet
133Kb / 2P
HCMOS 2.5x2mm 1.0 V SMD Oscillator
F210 FOX-F210 Datasheet
684Kb / 2P
HCMOS 2.5x2mm 1.8V Oscillator
F4105-200 FOX-F4105-200 Datasheet
441Kb / 2P
3.3V, HCMOS , SMD Oscillator
F4105-400 FOX-F4105-400 Datasheet
441Kb / 2P
3.3V, HCMOS , SMD Oscillator
819A-10-1 FOX-819A-10-1 Datasheet
684Kb / 2P
HCMOS 2.5x2mm 1.8V Oscillator
F216R-24.000 FOX-F216R-24.000 Datasheet
684Kb / 2P
HCMOS 2.5x2mm 1.8V Oscillator
F235-16 FOX-F235-16 Datasheet
133Kb / 2P
HCMOS 2.5x2mm 3.3V Oscillator
F235-40 FOX-F235-40 Datasheet
133Kb / 2P
HCMOS 2.5x2mm 3.3V Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com