Electronic Components Datasheet Search
  English  ▼

X  

CEP-1126 Datasheet(PDF) 1 Page - CUI INC

Part # CEP-1126
Description  piezo audio transducer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CEP-1126 Datasheet(HTML) 1 Page - CUI INC

  CEP-1126 Datasheet HTML 1Page - CUI INC CEP-1126 Datasheet HTML 2Page - CUI INC CEP-1126 Datasheet HTML 3Page - CUI INC CEP-1126 Datasheet HTML 4Page - CUI INC CEP-1126 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Part No: CEP-1126
Description: piezo audio transducer
Phone: 800.275.4899
Fax: 503.612.2381
www.cui.com
20050 SW 112th Ave.
Tualatin, OR 97062
Date: 9/25/2006
Unit: mm
Page No: 1 of 5
Specifications
Operating voltage
30 Vp-p max.
Current consumption
10 mA max.
at 10 Vp-p, square wave, 2.8 KHz
Sound pressure level
92 db min.
at 10 cm / 10 Vp-p, square wave, 2.8 KHz
Electrostatic capacitance
18,000 pF ±30%
at 1 KHz / 1 V
Operating temperature
-30 ~ +85° C
Storage temperature
-40 ~ +95° C
Dimensions
ø29.5 x H5.2 mm
Weight
5.6 g max.
Material
ABS UL-94 1/16” HB High Heat (Black)
Terminal
Wire type
RoHS
yes
Appearance Drawing
Tolerance: ±0.5


Similar Part No. - CEP-1126

ManufacturerPart #DatasheetDescription
logo
CUI INC
CEP-1126 CUI-CEP-1126 Datasheet
303Kb / 3P
PIEZO BUZZER TRANSDUCER
04/28/2020
logo
CUI Devices
CEP-1126 CUID-CEP-1126 Datasheet
279Kb / 3P
PIEZO BUZZER TRANSDUCER
08/05/2022
logo
CUI INC
CEP-1126 CUI-CEP-1126_V01 Datasheet
303Kb / 3P
PIEZO BUZZER TRANSDUCER
04/28/2020
More results

Similar Description - CEP-1126

ManufacturerPart #DatasheetDescription
logo
CUI INC
CEP-1106 CUI-CEP-1106 Datasheet
398Kb / 5P
piezo audio transducer
CEP-1108 CUI-CEP-1108 Datasheet
1Mb / 5P
piezo audio transducer
CEP-1116 CUI-CEP-1116 Datasheet
361Kb / 5P
piezo audio transducer
CPE-121 CUI-CPE-121 Datasheet
278Kb / 5P
piezo audio transducer
CPE-267 CUI-CPE-267 Datasheet
278Kb / 5P
piezo audio transducer
CPE-503 CUI-CPE-503 Datasheet
341Kb / 5P
piezo audio transducer
CPE-827 CUI-CPE-827 Datasheet
225Kb / 5P
piezo audio transducer
CPE-1785 CUI-CPE-1785 Datasheet
179Kb / 4P
PIEZO AUDIO TRANSDUCER
CPE-4485 CUI-CPE-4485 Datasheet
242Kb / 4P
PIEZO AUDIO TRANSDUCER
CPE-2883 CUI-CPE-2883 Datasheet
244Kb / 5P
PIEZO AUDIO TRANSDUCER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com