Electronic Components Datasheet Search
  English  ▼

X  

ST90135 Datasheet(PDF) 109 Page - STMicroelectronics

Part # ST90135
Description  8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST90135 Datasheet(HTML) 109 Page - STMicroelectronics

Back Button ST90135 Datasheet HTML 105Page - STMicroelectronics ST90135 Datasheet HTML 106Page - STMicroelectronics ST90135 Datasheet HTML 107Page - STMicroelectronics ST90135 Datasheet HTML 108Page - STMicroelectronics ST90135 Datasheet HTML 109Page - STMicroelectronics ST90135 Datasheet HTML 110Page - STMicroelectronics ST90135 Datasheet HTML 111Page - STMicroelectronics ST90135 Datasheet HTML 112Page - STMicroelectronics ST90135 Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 190 page
background image
109/190
ST90158 - MULTIFUNCTION TIMER (MFT)
MULTIFUNCTION TIMER (Cont’d)
9.2.3.1 TxINA = I/O - TxINB = I/O
Input pins A and B are not used by the Timer. The
counter clock is internally generated and the up/
down selection may be made only by software via
the UDC (Software Up/Down) bit in the TCR regis-
ter.
9.2.3.2 TxINA = I/O - TxINB = Trigger
The signal applied to input pin B acts as a trigger
signal on REG1R register. The prescaler clock is
internally generated and the up/down selection
may be made only by software via the UDC (Soft-
ware Up/Down) bit in the TCR register.
9.2.3.3 TxINA = Gate - TxINB = I/O
The signal applied to input pin A acts as a gate sig-
nal for the internal clock (i.e. the counter runs only
when the gate signal is at a low level). The counter
clock is internally generated and the up/down con-
trol may be made only by software via the UDC
(Software Up/Down) bit in the TCR register.
9.2.3.4 TxINA = Gate - TxINB = Trigger
Both input pins A and B are connected to the timer,
with the resulting effect of combining the actions
relating to the previously described configurations.
9.2.3.5 TxINA = I/O - TxINB = Ext. Clock
The signal applied to input pin B is used as the ex-
ternal clock for the prescaler. The up/down selec-
tion may be made only by software via the UDC
(Software Up/Down) bit in the TCR register.
9.2.3.6 TxINA = Trigger - TxINB = I/O
The signal applied to input pin A acts as a trigger
for REG0R, initiating the action for which the reg-
ister was programmed (i.e. a reload or capture).
The prescaler clock is internally generated and the
up/down selection may be made only by software
via the UDC (Software Up/Down) bit in the TCR
register.
(*) The timer is in One shot mode and REGOR in
Reload mode
9.2.3.7 TxINA = Gate - TxINB = Ext. Clock
The signal applied to input pin B, gated by the sig-
nal applied to input pin A, acts as external clock for
the prescaler. The up/down control may be made
only by software action through the UDC bit in the
TCR register.
9.2.3.8 TxINA = Trigger - TxINB = Trigger
The signal applied to input pin A (or B) acts as trig-
ger signal for REG0R (or REG1R), initiating the
action for which the register has been pro-
grammed. The counter clock is internally generat-
ed and the up/down selection may be made only
by software via the UDC (Software Up/Down) bit in
the TCR register.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com