Electronic Components Datasheet Search
  English  ▼

X  

ST90135 Datasheet(PDF) 110 Page - STMicroelectronics

Part # ST90135
Description  8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST90135 Datasheet(HTML) 110 Page - STMicroelectronics

Back Button ST90135 Datasheet HTML 106Page - STMicroelectronics ST90135 Datasheet HTML 107Page - STMicroelectronics ST90135 Datasheet HTML 108Page - STMicroelectronics ST90135 Datasheet HTML 109Page - STMicroelectronics ST90135 Datasheet HTML 110Page - STMicroelectronics ST90135 Datasheet HTML 111Page - STMicroelectronics ST90135 Datasheet HTML 112Page - STMicroelectronics ST90135 Datasheet HTML 113Page - STMicroelectronics ST90135 Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 190 page
background image
110/190
ST90158 - MULTIFUNCTION TIMER (MFT)
MULTIFUNCTION TIMER (Cont’d)
9.2.3.9 TxINA = Clock Up - TxINB = Clock Down
The edge received on input pin A (or B) performs a
one step up (or down) count, so that the counter
clock and the up/down control are external. Setting
the UDC bit in the TCR register has no effect in
this configuration, and input pin B has priority on
input pin A.
9.2.3.10 TxINA = Up/Down - TxINB = Ext Clock
An High (or Low) level applied to input pin A sets
the counter in the up (or down) count mode, while
the signal applied to input pin B is used as clock for
the prescaler. Setting the UDC bit in the TCR reg-
ister has no effect in this configuration.
9.2.3.11 TxINA = Trigger Up - TxINB = Trigger
Down
Up/down control is performed through both input
pins A and B. A edge on input pin A sets the up
count mode, while a edge on input pin B (which
has priority on input pin A) sets the down count
mode. The counter clock is internally generated,
and setting the UDC bit in the TCR register has no
effect in this configuration.
9.2.3.12 TxINA = Up/Down - TxINB = I/O
An High (or Low) level of the signal applied on in-
put pin A sets the counter in the up (or down) count
mode. The counter clock is internally generated.
Setting the UDC bit in the TCR register has no ef-
fect in this configuration.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com