Electronic Components Datasheet Search
  English  ▼

X  

CPE-232H Datasheet(PDF) 1 Page - CUI INC

Part # CPE-232H
Description  piezo audio indicators
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CPE-232H Datasheet(HTML) 1 Page - CUI INC

  CPE-232H Datasheet HTML 1Page - CUI INC CPE-232H Datasheet HTML 2Page - CUI INC CPE-232H Datasheet HTML 3Page - CUI INC CPE-232H Datasheet HTML 4Page - CUI INC CPE-232H Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
page
date
DESCRIPTION: piezo audio indicators
1 of 5
11/12/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2383
PART NUMBER: CPE-232H
SPECIFICATONS
resonant frequency
3.2 ± 0.5 KHz
operating voltage range
8 ~ 18 V DC
current consumption
10 mA max.
at 12 V DC
sound pressure level
85 db min.
at 30 cm/12 V DC
rated voltage
12 V DC
tone
continuous
operating tempurature
-30 ~ +85° C
storage tempurature
-40 ~ +95° C
dimensions
Ø23.3 x H10.2 mm
weight
5.0 g max.
material
ABS UL-94 1/16” high heat (black)
terminal
pin type (Sn plating)
RoHS
yes
APPEARANCE DRAWING
10.2
0.45
6.5
23.3
0.1
17.5
(2 PLCS)
0.8
0.65
(TYP)
tolerance: ±0.5
units: mm


Similar Part No. - CPE-232H

ManufacturerPart #DatasheetDescription
logo
CUI INC
CPE-232H CUI-CPE-232H Datasheet
388Kb / 3P
PIEZO BUZZER INDICATOR
11/22/2019
logo
CUI Devices
CPE-232H CUID-CPE-232H Datasheet
363Kb / 3P
PIEZO BUZZER INDICATOR
08/05/2022
logo
CUI INC
CPE-232H CUI-CPE-232H_V01 Datasheet
388Kb / 3P
PIEZO BUZZER INDICATOR
11/22/2019
More results

Similar Description - CPE-232H

ManufacturerPart #DatasheetDescription
logo
CUI INC
CPE-200 CUI-CPE-200 Datasheet
207Kb / 5P
piezo audio indicators
CPE-203 CUI-CPE-203 Datasheet
216Kb / 5P
piezo audio indicators
CPE-220 CUI-CPE-220 Datasheet
204Kb / 5P
piezo audio indicators
CPE-222H CUI-CPE-222H Datasheet
223Kb / 5P
piezo audio indicators
CPE-223 CUI-CPE-223 Datasheet
218Kb / 5P
piezo audio indicators
CPE-251 CUI-CPE-251 Datasheet
206Kb / 5P
piezo audio indicators
CPE-270 CUI-CPE-270 Datasheet
198Kb / 5P
piezo audio indicators
CPE-276H CUI-CPE-276H Datasheet
291Kb / 5P
piezo audio indicators
CPE-460 CUI-CPE-460 Datasheet
272Kb / 5P
piezo audio indicators
logo
Ohmite Mfg. Co.
OMT205C OHMITE-OMT205C Datasheet
55Kb / 1P
Piezo Audio Indicators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com