Electronic Components Datasheet Search
  English  ▼

X  

ST92163 Datasheet(PDF) 221 Page - STMicroelectronics

Part # ST92163
Description  8/16-BIT FULL SPEED USB MCU FOR COMPOSITE DEVICES WITH 16 ENDPOINTS, 20K ROM, 2K RAM, I2C, SCI, & MFT
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92163 Datasheet(HTML) 221 Page - STMicroelectronics

Back Button ST92163 Datasheet HTML 216Page - STMicroelectronics ST92163 Datasheet HTML 217Page - STMicroelectronics ST92163 Datasheet HTML 218Page - STMicroelectronics ST92163 Datasheet HTML 219Page - STMicroelectronics ST92163 Datasheet HTML 220Page - STMicroelectronics ST92163 Datasheet HTML 221Page - STMicroelectronics ST92163 Datasheet HTML 222Page - STMicroelectronics ST92163 Datasheet HTML 223Page - STMicroelectronics ST92163 Datasheet HTML 224Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 221 / 224 page
background image
221/224
ST92163 - GENERAL INFORMATION
10.3 ORDERING INFORMATION
The following section deals with the procedure for
transfer of customer codes to STMicroelectronics.
10.4 Transfer of Customer Code
Customer code is made up of the ROM contents.
The ROM contents are to be sent on diskette, or
by electronic means, with the hexadecimal file
generated by the development tool. All unused
bytes must be set to FFh.
The customer code should be communicated to
STMicroelectronics with the correctly completed
OPTION LIST appended.
The STMicroelectronics Sales Organization will be
pleased to provide detailed information on con-
tractual points.
Figure 92. Sales Type Coding Rules
Table 37. Development Tools
Note 1: The emulator does not support Low Voltage Modes
Development Too l
Sales Type
Remarks
Real time emulator1
ST92163-EMU2
EPROM Programming Board
ST92E163-EPB/EU
ST92E163-EPB/US
220V Power Supply
110V Power Supply
Gang Programmer
ST92E16x-GP/DIP56
ST92E16x-GP/QFP
SDIP56 package
TQFP64 package
C Hiware Compiler and Debugger
ST9P-SWC/V4
for PC
ST 92163 R 4 B 1 L / xxx
Family (92163, 92E163, 92T163)
Number of pins
ROM size
Package
Temperature Range
Device Characteristics
ROM Code (three letters)
L = 8-MHz Low Voltage Version
1= Standard (0 to +70
°C)
B = Plastic DIP
4 = 20K
N = 56 pins
V = 16-MHz Low Voltage Version 0= 25
°C
D = Ceramic DIP
R = 64 pins
E = Without LVD function (for
Normal Voltage Versions)
G = Ceramic QFP
No letter = With LVD function (for
Normal Voltage Versions)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com