Electronic Components Datasheet Search
  English  ▼

X  

ST92163 Datasheet(PDF) 223 Page - STMicroelectronics

Part # ST92163
Description  8/16-BIT FULL SPEED USB MCU FOR COMPOSITE DEVICES WITH 16 ENDPOINTS, 20K ROM, 2K RAM, I2C, SCI, & MFT
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92163 Datasheet(HTML) 223 Page - STMicroelectronics

Back Button ST92163 Datasheet HTML 216Page - STMicroelectronics ST92163 Datasheet HTML 217Page - STMicroelectronics ST92163 Datasheet HTML 218Page - STMicroelectronics ST92163 Datasheet HTML 219Page - STMicroelectronics ST92163 Datasheet HTML 220Page - STMicroelectronics ST92163 Datasheet HTML 221Page - STMicroelectronics ST92163 Datasheet HTML 222Page - STMicroelectronics ST92163 Datasheet HTML 223Page - STMicroelectronics ST92163 Datasheet HTML 224Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 223 / 224 page
background image
223/224
ST92163 - GENERAL INFORMATION
STMicroelectronics OPTION LIST
ST92163 MICROCONTROLLER FAMILY (ROM DEVICE)
Customer:
. . . . . . . . . . . . . . . . . . . . . . . .... .
Address:
. . . . . . . . . . . . . . . . . . . . . . . .... .
.. .. .. ... .. . ... .. . . ... . . . . . .
Contact:
. . . . . . . . . . . . . . . . . . . . . . . .... .
Phone No:
. . . . . . . . . . . . . . . . . . . . . . . .... .
Reference/ROM Code* : . . . . . .... .. . .... . .
*The ROM code name is assigned by STMicroelectronics.
STMicroelectronics reference:
Device (PSDIP56):
[ ] ST92163N4B1/xxx*
[ ] ST92163N4B1E/xxx*
Device (TQFP64):
[ ] ST92163R4T1/xxx*
[ ] ST92163R4T1E/xxx*
[ ] ST92163R4T1L/xxx*
[ ] ST92163R4T1V/xxx*
*xxx = ROM code name
Software Development:
[ ] STMicroelectronics
[ ] Customer
[ ] External laboratory
Special Marking:
[ ] No
[ ] Yes ”_ _ _ _ _ _____ ______”
For marking, one line is possible with maximum 13 characters.
Authorized characters are letters, digits, ’.’, ’-’, ’/’ and spaces only.
We have checked the ROM code verification file returned to us by STMicroelectronics. It conforms
exactly with the ROM code file orginally supplied. We therefore authorize STMicroelectronics to
proceed with device manufacture.
Signature
. . . . . . . . . . . . . . . . . . . . . . . .... .
Date
. . . . . . . . . . . . . . . . . . . . . . . .... .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com