Electronic Components Datasheet Search
  English  ▼

X  

CPE-751 Datasheet(PDF) 3 Page - CUI INC

Part # CPE-751
Description  panel mount piezo indicators
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CPE-751 Datasheet(HTML) 3 Page - CUI INC

  CPE-751 Datasheet HTML 1Page - CUI INC CPE-751 Datasheet HTML 2Page - CUI INC CPE-751 Datasheet HTML 3Page - CUI INC CPE-751 Datasheet HTML 4Page - CUI INC CPE-751 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ENVIRONMENT TEST
item
test condition
high temp. test
After being placed in a chamber at +80°C for
240 hours.
low temp. test
After being placed in a chamber at -40°C for
240 hours.
humidity test
After being placed in a chamber at +40°C and
90±5% relative humidity for 240 hours.
temp. cycle test
The part shall be subjected to 5 cycles. One
cycle will consist of:
page
date
DESCRIPTION: panel mount piezo indicators
3 of 5
11/12/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2383
PART NUMBER: CPE-751
evaluation standard
The buzzer will be measured after
being placed at +25°C for 4
hours. The value of the
oscillation frequency/current
consumption should be ±10%
compared to the initial
measurements. The SPL should
be within ±10dB compared to the
initial measurements.
MECHANICAL CHARACTERISTICS
item
test condition
solderability
Lead terminals are immersed in rosin for
5 seconds and then immersed in solder bath
of 270 ±5°C for 3 ±1 seconds.
soldering heat resistance
Lead terminals are immersed up to 1.5mm from
buzzer’s body in solder bath of 300 ±5°C for
3 ±0.5 seconds or 260 ±5°C for 10 ±1 seconds.
terminal mechanical strength
For 10 seconds, the force of 9.8N (1.0kg) is
applied to each terminal in axial direction.
vibration
The buzzer shall be measured after applying
a vibration amplitude of 1.5 mm with 10 to
55 Hz band of vibration frequency to each of
the 3 perpendicular directions for 2 hours.
drop test
The part will be dropped from a height of
75 cm onto a 40 mm thick wooden board 3
times in 3 axes (X, Y, Z) for a total of 9 drops.
evaluation standard
90% min. of the lead terminals
will be wet with solder
(except the edge of the terminal).
No interference in operation.
No damage or cutting off.
The value of oscillation
frequency/current consumption
should be ±10% of the initial
measurements. The SPL should
be within ±10dB compared with
the initial measurement.
+80
+25
+25
-40
0.5hr 0.5hr 0.25 0.5hr 0.5hr 0.5hr 0.25
3hours



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com