Electronic Components Datasheet Search
  English  ▼

X  

RL101 Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # RL101
Description  1.0A Standard Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

RL101 Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  RL101 Datasheet HTML 1Page - TAITRON Components Incorporated RL101 Datasheet HTML 2Page - TAITRON Components Incorporated RL101 Datasheet HTML 3Page - TAITRON Components Incorporated RL101 Datasheet HTML 4Page - TAITRON Components Incorporated RL101 Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1.0A Standard Rectifier
RL101 – RL107
Rev. A/JJ 2007-06-15
www.taitroncomponents.com
Page 2 of 5
Ambient Temperature Ta (°C)
Number of Cycles at 60Hz
Electrical Characteristics (T
Ambient=25ºC unless noted otherwise)
Note: 1. 8.3ms single half sine-wave superimposed on rated load (JEDEC method)
2. Measured at 1MHz and applied reverse voltage of 4.0Volts D.C.
3. Thermal resistance from junction to ambient at .375" (9.5mm) lead length.
Typical Characteristics Curves
Symbol
Description
RL101
RL102
RL103
RL104
RL105
RL106
RL107
Unit
VF
Maximum Forward
Voltage @
IF=1.0A
1.1
V
TA=25° C
5.0
µA
IR
Maximum DC
Reverse Current at
Rated DC Blocking
Voltage
TA=125° C
50
uA
CJ
Typical Junction
Capacitance (Note2)
15
pf
Rθ-JA
Maximum Thermal
Resistance (Note3)
50
° C/W
Fig.2-Max. Non-Repetitive Forward Surge Current
Fig.1- Forward Current Derating Curve



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com