Electronic Components Datasheet Search
  English  ▼

X  

ST92F124 Datasheet(PDF) 278 Page - STMicroelectronics

Part # ST92F124
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F124 Datasheet(HTML) 278 Page - STMicroelectronics

Back Button ST92F124 Datasheet HTML 274Page - STMicroelectronics ST92F124 Datasheet HTML 275Page - STMicroelectronics ST92F124 Datasheet HTML 276Page - STMicroelectronics ST92F124 Datasheet HTML 277Page - STMicroelectronics ST92F124 Datasheet HTML 278Page - STMicroelectronics ST92F124 Datasheet HTML 279Page - STMicroelectronics ST92F124 Datasheet HTML 280Page - STMicroelectronics ST92F124 Datasheet HTML 281Page - STMicroelectronics ST92F124 Datasheet HTML 282Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 426 page
background image
278/426
I2C BUS INTERFACE
I2C BUS INTERFACE (Cont’d)
INTERRUPT STATUS REGISTER (I2CISR)
R248 - Read / Write
Register Page: 20 (I2C_0) or 22 (I2C_1)
Reset Value: 1xxx xxxx (xxh)
Bit 7 = Reserved.
Must be kept at 1
Bits 6:4 = PRL[2:0] Interrupt/DMA Priority Bits.
The priority is encoded with these three bits. The
value of “0” has the highest priority, the value “7”
has no priority. After the setting of this priority lev-
el, the priorities between the different Interrupt/
DMA sources is hardware defined according with
the following scheme:
– Error condition Interrupt (If DMASTOP=1) (High-
est priority)
– Receiver DMA request
– Transmitter DMA request
– Error Condition Interrupt (If DMASTOP=0
– Data Received/Receiver End Of Block
– Peripheral Ready To Transmit/Transmitter End
Of Block (Lowest priority)
Bit 3 = Reserved.
Must be cleared.
Bit 2 = IERRP Error Condition pending bit
0: No error
1: Error event detected (if ITE=1)
Note: The Interrupt pending bits can be reset by
writing a “0” but is not possible to write a “1”. It is
mandatory to clear the interrupt source by writing a
“0” in the pending bit when executing the interrupt
service routine. When serving an interrupt routine,
the user should reset ONLY the pending bit related
to the served interrupt routine (and not reset the
other pending bits).
To detect the specific error condition that oc-
curred, the flag bits of the I2CSR1 and I2CSR2
register should be checked.
Note: The IERRP pending bit is forced high when-
the error event flags are set (ADSL and SB flags in
the I2CSR1 register, SCLF, ADDTX, AF, STOPF,
ARLO and BERR flags in the I2CSR2 register). If
at least one flag is set, the application code should
not reset the IERRP bit.
Bit 1 = IRXP Data Received pending bit
0: No data received
1: data received (if ITE=1).
Bit 0 = ITXP Peripheral Ready To Transmit pend-
ing bit
0: Peripheral not ready to transmit
1: Peripheral ready to transmit a data byte (if
ITE=1).
70
1
PRL2 PRL1 PRL0
0
IERRP IRXP ITXP
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com